Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF4703 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SSF4703
Description  PSchottky Hybrid MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SSF4703 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SSF4703 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SSF4703 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SSF4703 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P+Schottky Hybrid MOSFET
SSF4703 (KSF4703)
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS=-16V, VGS=0V
-1
uA
Gate-Body leakage current
IGSS
VDS=0V, VGS=±8V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=-250uA
-0.45
-1
V
VGS=-4.5V, ID=-3.4A
90
VGS=-2.5V, ID=-2.5A
120
VGS=-1.8V, ID=-1.5A
160
Forward Transconductance
gFS
VDS=-5V, ID=-3.4A
4
7
S
Input Capacitance
Ciss
540
Output Capacitance
Coss
70
Reverse Transfer Capacitance
Crss
50
Total Gate Charge
Qg
6.1
Gate Source Charge
Qgs
0.6
Gate Drain Charge
Qgd
1.6
Turn-On DelayTime
td(on)
10
Turn-On Rise Time
tr
12
Turn-Off DelayTime
td(off)
44
Turn-Off Fall Time
tf
22
Forward Voltage Drop
VF
IF=0.5A
0.5
V
Maximum Reverse Leakage Current
Irrm
VR=16V
0.1
mA
Junction Capacitance
CT
VR=10V
34
pF
Body Diode Reverse Recovery Time
trr
5.2
10
ns
Body Diode Reverse Recovery Charge
Qrr
0.8
nC
Maximum Body-Diode Continuous Current
IS
-2
A
Diode Forward Voltage
VSD
IS=-1A,VGS=0V
-1
V
pF
nC
IF=-1A, dI/dt=100A/us
ns
mΩ
VDD=-10V,ID=-3.4A
VGS=-4.5V,RGEN=3Ω
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=-10V, f=1MHz
VGS=-10V, VDS=-3.4V, ID=-4.5A
Note :Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
■
Marking
Marking
4703



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com