Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L603C Datasheet(PDF) 1 Page - STMicroelectronics

Part # L603C
Description  DARLINGTON ARRAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L603C Datasheet(HTML) 1 Page - STMicroelectronics

  L603C Datasheet HTML 1Page - STMicroelectronics L603C Datasheet HTML 2Page - STMicroelectronics L603C Datasheet HTML 3Page - STMicroelectronics L603C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
L603 - L604
September 2003
s
EIGHT DARLINGTONS PER PACKAGE
s
OUTPUT CURRENT 400 mA PER DRIVER
(500mA PEAK)
s
OUTPUT VOLTAGE 90 V (VCE (sus)) = 70 V)
s
INTEGRAL SUPPRESSION DIODES FOR
INDUCTIVE LOADS
s
OUTPUTS CAN BE PARALLELED FOR
HIGHER CURRENT
s
TTL / CMOS INPUTS
s
INPUTS PINNED OPPOSITE OUTPUTS TO
SIMPLIFY LAYOUT
DESCRIPTION
The L603 and L604 are high voltage, high current
darlington arrays each containing eight open col-
lector darlington pairs with common emitters. Each
channel is rated at 400mA and can with stand
peak currents of 500 mA.
Suppression diodes are included for inductive load
driving and the inputs are pinned opposite the out-
puts to simplify board layout.
The four versions interface to all common logic
families:
L603 = 5V TTL
L604 = 6 - 15V CMOS
These versatile devices are useful for driving a
wide range of loads, including solenoids, relays
DC motors, LED displays, filament lamps, thermal
printheads and high power buffers.
PIN CONNECTION (top view)
DIP18
ORDERING NUMBERS: L603C L604C
DARLINGTON ARRAYS
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCEX
Collector Emitter Voltage (input open)
90
V
IC
Collector Current
0.4
A
IC
Collector Peak Current
0.5
A
Vi
Input Voltage (for L603 and L604)
30
V
Ptot
Total Power Dissipation a Tamb = 25°C
1.8
W
Top
Operating Junction Temperature
-25 to 150
°C


Similar Part No. - L603C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L603 STMICROELECTRONICS-L603 Datasheet
59Kb / 5P
DARLINGTON ARRAYS
Oct-1991
logo
Johanson Technology Inc...
L603DC JOHANSON-L603DC Datasheet
178Kb / 3P
RF Ceramic Component Proto-Typing Kits
L603W JOHANSON-L603W Datasheet
178Kb / 3P
RF Ceramic Component Proto-Typing Kits
More results

Similar Description - L603C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
DARLINGTON ARRAYS
Oct-1991
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
EIGHT DARLINGTON ARRAYS
Apr-1993
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
SEVEN DARLINGTON ARRAYS
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
Texas Instruments
ULN2003ADR TI-ULN2003ADR Datasheet
164Kb / 9P
DARLINGTON TRANSISTOR ARRAYS
SN75466 TI-SN75466 Datasheet
433Kb / 8P
DARLINGTON TRANSISTOR ARRAYS
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
EIGHT DARLINGTON ARRAYS
logo
Texas Instruments
SN75469NE4 TI-SN75469NE4 Datasheet
938Kb / 18P
DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com