Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L604C Datasheet(PDF) 2 Page - STMicroelectronics

Part # L604C
Description  DARLINGTON ARRAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L604C Datasheet(HTML) 2 Page - STMicroelectronics

  L604C Datasheet HTML 1Page - STMicroelectronics L604C Datasheet HTML 2Page - STMicroelectronics L604C Datasheet HTML 3Page - STMicroelectronics L604C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L603 - L604
2/4
THERMAL DATA
ELECTRICAL CHARACTERISTCS
Symbol
Parameter
Value
Unit
Rth-j amb
Thermal Resistance Junction ambient
max 70
°C/W
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ICEX
Output Leakage Current
VCE = 90V
10
µA
VCE(sat)
Collector Emitter Saturation
Voltage
IC = 300mA; IB = 500µA2
V
IC = 200mA; IB = µA
1.7
V
IC = 100mA; IB = 250µA
1.2
V
Vi
Maximum Input Voltage
(ON condition)
VCE = 3V; IC = 300mA
L603
L604
2.5
5
V
V
Vi
Maximum Input Voltage
(OFF condition)
VCE = 90V; IC = 25µA
L603
L604
0.75
1
V
V
IR
Clamp Diode Reverse Current
VR = 90V
50
µA
VF
Clamp Diode Forward Voltage
IF = 300mA
2
2.4
V
ton
Turn-on Delay
0.5 Vi to 0.5 Vo
0.4
µs
toff
Turn-off Delay
0.5 Vi to 0.5 Vo
0.4
µA
L603
L604
2.7K
Ω
IN
COM
OUT
EACH DRIVER
7.2K
Ω
3K
Ω
D03IN1490
10.5K
Ω
IN
COM
OUT
EACH DRIVER
7.2K
Ω
3K
Ω
D03IN1491



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com