Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSM50GP60 Datasheet(PDF) 2 Page - eupec GmbH

Part # BSM50GP60
Description  Hochstzulassige Werte / Maximum rated values
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM50GP60 Datasheet(HTML) 2 Page - eupec GmbH

  BSM50GP60 Datasheet HTML 1Page - eupec GmbH BSM50GP60 Datasheet HTML 2Page - eupec GmbH BSM50GP60 Datasheet HTML 3Page - eupec GmbH BSM50GP60 Datasheet HTML 4Page - eupec GmbH BSM50GP60 Datasheet HTML 5Page - eupec GmbH BSM50GP60 Datasheet HTML 6Page - eupec GmbH BSM50GP60 Datasheet HTML 7Page - eupec GmbH BSM50GP60 Datasheet HTML 8Page - eupec GmbH BSM50GP60 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM50GP60
Modul Isolation/ Module Isolation
Isolations-Prüfspannung
insulation test voltage
RMS, f = 50 Hz, t = 1 min.
NTC connected to Baseplate
VISOL
2,5
kV
Elektrische Eigenschaften / Electrical properties
Charakteristische Werte / Characteristic values
Diode Gleichrichter/ Diode Rectifier
min.
typ.
max.
Durchlaßspannung
forward voltage
Tvj = 150°C,
I F = 50 A
VF
-
1,3
1,35
V
Schleusenspannung
threshold voltage
Tvj = 150°C
V(TO)
-
-
0,8
V
Ersatzwiderstand
slope resistance
Tvj = 150°C
rT
-
-
10,5
m
Ω
Sperrstrom
reverse current
Tvj = 150°C,
V R = 1600 V
IR
-2
-
mA
Modul Leitungswiderstand, Anschlüsse-Chip
lead resistance, terminals-chip
TC = 25°C
RAA’+CC’
-
5
-
m
Ω
Transistor Wechselrichter/ Transistor Inverter
min.
typ.
max.
Kollektor-Emitter Sättigungsspannung
VGE = 15V, Tvj = 25°C,
IC =
50 A
VCE sat
-
1,95
2,55
V
collector-emitter saturation voltage
VGE = 15V, Tvj = 125°C,
IC =
50 A
-
2,2
-
V
Gate-Schwellenspannung
gate threshold voltage
VCE = VGE,
Tvj = 25°C,
IC =
1,0 mA
VGE(TO)
4,5
5,5
6,5
V
Eingangskapazität
input capacitance
f = 1MHz, Tvj = 25°C
VCE = 25 V, VGE = 0 V
Cies
-
2,8
-
nF
Kollektor-Emitter Reststrom
VGE = 0V,
Tvj = 25°C, VCE =
600 V
ICES
-
1,5
500
µA
collector-emitter cut-off current
VGE = 0V,
Tvj =125°C, VCE =
600 V
-
2,0
-
mA
Gate-Emitter Reststrom
gate-emitter leakage current
VCE = 0V, VGE =20V, Tvj =25°C
IGES
-
-
300
nA
Einschaltverzögerungszeit (ind. Last)
IC = INenn,
VCC =
300 V
turn on delay time (inductive load)
VGE = ±15V, Tvj = 25°C, RG =
22 Ohm
td,on
-50
-
ns
VGE = ±15V, Tvj = 125°C, RG =
22 Ohm
-
50
-
ns
Anstiegszeit (induktive Last)
IC = INenn,
VCC =
300 V
rise time (inductive load)
VGE = ±15V, Tvj = 25°C, RG =
22 Ohm
tr
-55
-
ns
VGE = ±15V, Tvj = 125°C, RG =
22 Ohm
-
55
-
ns
Abschaltverzögerungszeit (ind. Last)
IC = INenn,
VCC =
300 V
turn off delay time (inductive load)
VGE = ±15V, Tvj = 25°C, RG =
22 Ohm
td,off
-
260
-
ns
VGE = ±15V, Tvj = 125°C, RG =
22 Ohm
-
275
-
ns
Fallzeit (induktive Last)
IC = INenn,
VCC =
300 V
fall time (inductive load)
VGE = ±15V, Tvj = 25°C, RG =
22 Ohm
tf
-30
-
ns
VGE = ±15V, Tvj = 125°C, RG =
22 Ohm
-
40
-
ns
Einschaltverlustenergie pro Puls
IC = INenn,
VCC =
300 V
turn-on energy loss per pulse
VGE = ±15V, Tvj = 125°C, RG =
22 Ohm
Eon
-
2,3
-
mWs
L S =
75 nH
Abschaltverlustenergie pro Puls
IC = INenn,
VCC =
300 V
turn-off energy loss per pulse
VGE = ±15V, Tvj = 125°C, RG =
22 Ohm
Eoff
-
1,7
-
mWs
L S =
75 nH
Kurzschlußverhalten
tP ≤ 10µs, VGE ≤ 15V,
RG =
22 Ohm
SC Data
Tvj≤125°C,
VCC =
360 V
ISC
-
200
-
A
dI/dt =
3000 A/µs
2(11)
DB-PIM-9.xls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com