Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBSERIES Datasheet(PDF) 4 Page - DATEL, Inc.

Part # FBSERIES
Description  Up to 600 Watt DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

FBSERIES Datasheet(HTML) 4 Page - DATEL, Inc.

  FBSERIES Datasheet HTML 1Page - DATEL, Inc. FBSERIES Datasheet HTML 2Page - DATEL, Inc. FBSERIES Datasheet HTML 3Page - DATEL, Inc. FBSERIES Datasheet HTML 4Page - DATEL, Inc. FBSERIES Datasheet HTML 5Page - DATEL, Inc. FBSERIES Datasheet HTML 6Page - DATEL, Inc. FBSERIES Datasheet HTML 7Page - DATEL, Inc. FBSERIES Datasheet HTML 8Page - DATEL, Inc. FBSERIES Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
September 16, 2017 B.03
FB SERIES Full-Brick
Up to 600 Watt DC-DC Converter
FEATURE CHARACTERISTICS
PARAMETER
CONDITIONS
Device
Min.
Typical
Max.
Units
100% Load
Efficiency
Vin =24 Vdc, Io = Io_max, Tc=25
℃
FB24S12-50
88
%
FB24S24-25
90
FB24S28-21.5
90
FB24S32-19
91
FB24D48-12.5
91
Vin =48 Vdc, Io = Io_max, Tc=25
℃
FB48S12-50
89
%
FB48S24-25
91
FB48S28-25
92.5
FB48S32-19
91.5
FB48D48-12.5
92
ISOLATION CHARACTERISTICS
Isolation Voltage
1 minute; input/output, input/case,
output/case
input/remote, output/remote
1500
Volts
Isolation Resistance
10
MΩ
Isolation Capacitance
4000
pF
Switching Frequency
Vo=12,28,32V
300
KHz
Vo=24,48V
250
ON/OFF Control Negative Remote On/Off logic
Logic Low (Module Off)
0
0.01
mA
Logic High (Module On)
1.0
10
mA
ON/OFF Control Positive Remote On/Off logic
Logic High (Module Off)
1.0
10
mA
Logic High (Module On)
0
0.01
mA
Auxiliary Output Voltage
All
7
10
13
V
Auxiliary Output Current
All
20
mA
Load Share Accuracy (50%-100% load)
-10
+10
%
Off Converter Input Current
Shutdown input idle current
50
mA
Output Voltage Trim Range
Pout=max rated power
60
110
%
Output Over Voltage Protection
115
125
140
%
Over-Temperature Shutdown
110
°C
Over-Temperature Shutdown
All
110
°C
MTBF
Io=100% of Io_max: Ta=25°C per MIL-HDBK-
217F
450
K hours
Weight
220
grams
Page
4 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com