Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX6F-GKB Datasheet(PDF) 3 Page - Cree, Inc

Part # CLX6F-GKB
Description  Cree짰 PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLX6F-GKB Datasheet(HTML) 3 Page - Cree, Inc

  CLX6F-GKB Datasheet HTML 1Page - Cree, Inc CLX6F-GKB Datasheet HTML 2Page - Cree, Inc CLX6F-GKB Datasheet HTML 3Page - Cree, Inc CLX6F-GKB Datasheet HTML 4Page - Cree, Inc CLX6F-GKB Datasheet HTML 5Page - Cree, Inc CLX6F-GKB Datasheet HTML 6Page - Cree, Inc CLX6F-GKB Datasheet HTML 7Page - Cree, Inc CLX6F-GKB Datasheet HTML 8Page - Cree, Inc CLX6F-GKB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree PLCC6 3 in 1 SMD LED
CLX6F-GKB
COLOR BIN LIMIT (I
F = 3 X 20 mA)
Tolerance of measurement of dominant wavelength is ±1 nm.
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
G67
532.5
537.5
Ga
535
540
Green
Bin Code
Min.(mcd) Max.(mcd)
1h1j
5020
6300
W
5600
7100
1k1m
6300
8000
X
7100
9000
INTENSITY BIN LIMIT (I
F = 3 X 20 mA)
Tolerance of measurement of luminous intensity is ±10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com