Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT18DL/830/RS Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # FT18DL/830/RS
Description  18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

FT18DL/830/RS Datasheet(HTML) 1 Page - Satco Products, Inc.

  FT18DL/830/RS Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S2964
FT18DL/830/RS
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
This item has been discontinued.
S2964
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S2964
046135205958
120
18
T5
2G11
2G11
FT18DL/830/RS
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
10.1/2''
1250
20000
3000
Warm White
10
Box
82
RoHS Compliant
UL or ETL Listed
Warranty
Status
Yes
Yes
2 Year Limited
Discontinued


Similar Part No. - FT18DL/830/RS

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
FT18DL/830 SATCO-FT18DL/830 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
More results

Similar Description - FT18DL/830/RS

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S2967 SATCO-S2967 Datasheet
122Kb / 1P
50 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6757 SATCO-S6757 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6760 SATCO-S6760 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6763 SATCO-S6763 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 v
S6766 SATCO-S6766 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6769 SATCO-S6769 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8657 SATCO-S8657 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8658 SATCO-S8658 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8663 SATCO-S8663 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8666 SATCO-S8666 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com