Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20T2/27 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 20T2/27
Description  20 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

20T2/27 Datasheet(HTML) 1 Page - Satco Products, Inc.

  20T2/27 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PDF was successfully created - CLICK LINK TO DOWNLOAD =>http://www.satco.com/media/PDF/satco_product_5562.pdf
S5401
20T2/27
20 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI;
Medium base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S5401
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S5401
045923054013
120
20
75W
T2
Medium
E26
Lamp Code
MOL In Inches
MOD In Inches
Initial Lumens
Average Rated Hours Kelvin Temp
Color
Pack
20T2/27
4.72''
2.13''
1330
12000
2700
Warm White
24/6
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL
Listed
Warranty
1 /Clamshell
82
Lawful for sale in
California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 20T2/27

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
20T2/27 SATCO-20T2/27 Datasheet
125Kb / 1P
20 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
More results

Similar Description - 20T2/27

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5501 SATCO-S5501 Datasheet
128Kb / 2P
5 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S5507 SATCO-S5507 Datasheet
130Kb / 2P
11 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S5523 SATCO-S5523 Datasheet
124Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S5526 SATCO-S5526 Datasheet
124Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7214 SATCO-S7214 Datasheet
126Kb / 1P
11 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7217 SATCO-S7217 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7234 SATCO-S7234 Datasheet
125Kb / 1P
20 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7261 SATCO-S7261 Datasheet
124Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7325 SATCO-S7325 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7326 SATCO-S7326 Datasheet
124Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com