Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13T2/Red Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 13T2/Red
Description  13 watt; Mini Spiral Compact Fluorescent; Red; Medium base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

13T2/Red Datasheet(HTML) 1 Page - Satco Products, Inc.

  13T2/Red Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S5512
13T2/Red
13 watt; Mini Spiral Compact Fluorescent; Red; Medium base;
120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S5512
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S5512
045923055126
120
13
60W
T2
Medium
E26
Lamp Code
MOL In
Inches
MOD In
Inches
Initial Lumens
Average Rated
Hours
Pack
Package Type
CEC Status
13T2/Red
4.13''
1.81''
Red
10000
24/6
1 /Clamshell
Lawful for sale in
California
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 13T2/Red

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
13T2/Red SATCO-13T2/Red Datasheet
130Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 82 CRI; Medium base; 120 volts
More results

Similar Description - 13T2/Red

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5511 SATCO-S5511 Datasheet
126Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; Bug Yellow; Medium base; 120 volts
S5513 SATCO-S5513 Datasheet
128Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; Green; Medium base; 120 volts
S5514 SATCO-S5514 Datasheet
127Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; Blue; Medium base; 120 volts
S5518 SATCO-S5518 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7217 SATCO-S7217 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7267 SATCO-S7267 Datasheet
127Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 82 CRI; Medium base; 120 volts
S7271 SATCO-S7271 Datasheet
130Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 82 CRI; Medium base; 120 volts
S7272 SATCO-S7272 Datasheet
128Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 82 CRI; Medium base; 120 volts
S7277 SATCO-S7277 Datasheet
127Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 82 CRI; Medium base; 120 volts
S7325 SATCO-S7325 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com