Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPLB31A Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPLB31A
Description  LCD CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB31A Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPLB31A Datasheet HTML 9Page - Generalplus Technology Inc. GPLB31A Datasheet HTML 10Page - Generalplus Technology Inc. GPLB31A Datasheet HTML 11Page - Generalplus Technology Inc. GPLB31A Datasheet HTML 12Page - Generalplus Technology Inc. GPLB31A Datasheet HTML 13Page - Generalplus Technology Inc. GPLB31A Datasheet HTML 14Page - Generalplus Technology Inc. GPLB31A Datasheet HTML 15Page - Generalplus Technology Inc. GPLB31A Datasheet HTML 16Page - Generalplus Technology Inc. GPLB31A Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
GPLB31A
© Generalplus Technology Inc.
Proprietary & Confidential
13
JAN. 07, 2008
Version: 1.4
8. APPLICATION CIRCUITS
8.1. 2240 Dots LCD Driver, 70 Segments × 32 Commons with External Serial SRAM, Regulator Disabled - (1)
GPLB31A
LCD Panel (32x70)
PVDD
PVSS
AUDB
X32I
X32O
RESET
VDD
AUDA
VDD
7
VDD
VSS
SCK
SDA
CSB
PC1/SDA
PC0/SCK
PB0
VDD
GPRS512C
SEG0
SEG1
SEG14
SEG2
SEG15
PA1
PA2
PA3
PA4
PA5
.....
.....
.....
.....
.....
.....
V1
V2
V3
V4
VLCD
CUP1
CUP2
CUP3
CUP4
C
*3
1/5, 1/6 Bias
C
C
C
C
C
C
VROUT
*1
VDD
4.7
μF0.1μF
20pF
*2
20pF
*2
0.1
μF
30pF
Note*1: Pin VROUT should be connected to VDD if internal Regulator is disabled.
Note*2: These capacitor values are for design guidance only.
Different capacitor values may be required for different crystal/resonator used.
Note*3: The value of the capacitance(C) would range from 0.1
μF to 4.7μF to stable the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com