Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA374902FC-V1-R2 Datasheet(PDF) 2 Page - Cree, Inc

Part # GTRA374902FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 3600 ??3700 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTRA374902FC-V1-R2 Datasheet(HTML) 2 Page - Cree, Inc

  GTRA374902FC-V1-R2 Datasheet HTML 1Page - Cree, Inc GTRA374902FC-V1-R2 Datasheet HTML 2Page - Cree, Inc GTRA374902FC-V1-R2 Datasheet HTML 3Page - Cree, Inc GTRA374902FC-V1-R2 Datasheet HTML 4Page - Cree, Inc GTRA374902FC-V1-R2 Datasheet HTML 5Page - Cree, Inc GTRA374902FC-V1-R2 Datasheet HTML 6Page - Cree, Inc GTRA374902FC-V1-R2 Datasheet HTML 7Page - Cree, Inc GTRA374902FC-V1-R2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02.1, 2019-04-26
2
GTRA374902FC
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-source Breakdown Voltage (main) VGS = –8 V, ID = 10 mA
V(BR)DSS
150
—
—
V
(peak) VGS = –8 V, ID = 10 mA
V(BR)DSS
150
—
—
V
Drain-source Leakage Current
VGS = –8 V, VDS = 10 V
IDSS
—
—
5
mA
Gate Threshold Voltage (main)
VDS = 10 V, ID = 25.2 mA
VGS(th)
–3.8
–3
–2.3
V
(peak)
VDS = 10 V, ID = 36 mA
VGS(th)
–3.8
–3
–2.3
V
Recommended Operating Conditions
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Operating Voltage
VDD
0
—
50
V
Gate Quiescent Voltage
VDS = 48 V, ID = 250 mA
VGS(Q)
–3.65
–3
–2.4
V
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source Voltage
VDSS
125
V
Gate-source Voltage
VGS
–10 to +2
V
Operating Voltage
VDD
55
V
Gate Current (main)
IG
25.2
mA
(peak)
IG
36
mA
Drain Current (main)
ID
9.5
A
(peak)
ID
13.5
A
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Operation above the maximum values listed here may cause permanent damage. Maximum ratings are absolute ratings; exceeding only one of these values
may cause irreversible damage to the component. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. For
reliable continuous operation, the device should be operated within the operating voltage range (VDD) specified above.
Thermal Characteristics
Parameter
Symbol
Value
Unit
Thermal Resistance (main, TCASE = 85°C, 100 W DC)
RqJC
1.6
°C/W
(peak, TCASE = 85 °C, 140 W DC)
RqJC
1.1
°C/W
Ordering Information
Type and Version
Order Code
Package Description
Shipping
GTRA374902FC V1 R0
GTRA374902FC-V1-R0
H-37248C-4
Tape & Reel, 50 pcs
GTRA374902FC V1 R2
GTRA374902FC-V1-R2
H-37248C-4
Tape & Reel, 250 pcs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com