Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXFE181507FC-V1-R0 Datasheet(PDF) 4 Page - Cree, Inc

Part # PXFE181507FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 ??1880 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXFE181507FC-V1-R0 Datasheet(HTML) 4 Page - Cree, Inc

  PXFE181507FC-V1-R0 Datasheet HTML 1Page - Cree, Inc PXFE181507FC-V1-R0 Datasheet HTML 2Page - Cree, Inc PXFE181507FC-V1-R0 Datasheet HTML 3Page - Cree, Inc PXFE181507FC-V1-R0 Datasheet HTML 4Page - Cree, Inc PXFE181507FC-V1-R0 Datasheet HTML 5Page - Cree, Inc PXFE181507FC-V1-R0 Datasheet HTML 6Page - Cree, Inc PXFE181507FC-V1-R0 Datasheet HTML 7Page - Cree, Inc PXFE181507FC-V1-R0 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02, 2018-08-30
4
PXFE181507FC
Typical Performance (cont.)
Load Pull Performance
Each Side Load Pull Performance – Pulsed CW signal: 16 µs, 10% duty cycle, 28 V, IDQ = 900 mA
P1dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
ZL
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
ZL
[W]
Gain
[dB]
P1dB
[dBm]
P1dB
[W]
hD
[%]
1810
7.5-j5.6
1.61-j3.21
19.79
52.87
193.6
59.6
4.1-j0.6
22.6
49.9
98
70.4
1880
12.6-j7
1.38-j2.91
20.15
52.78
189.67
56.94
3.29-j1.56
22.63
50.6
114.8
69
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[W
]
ZL
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
ZL
[W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
1810
7.5-j5.6
1.61-j3.21
17.79
53.64
231.2
62.47
3.12-j1.98
19.72
52.03
159.6
70.93
1880
12.6-j7
1.58-j3.47
17.83
53.57
227.5
58.69
3.13-j1.84
20.44
51.67
146.9
70.74
0
10
20
30
40
50
60
70
15
16
17
18
19
20
21
22
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ = 900 mA, ƒ = 1880 MHz
24V Gain
28V Gain
32V Gain
24V Eff
28V Eff
32V Eff
pxfe181507fc_g6
-35
-30
-25
-20
-15
-10
-5
10
12
14
16
18
20
22
1700
1750
1800
1850
1900
1950
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 28 V, IDQ= 900 mA
IRL
Gain
pxfe181507fc_g7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com