Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLV6D-FKB Datasheet(PDF) 1 Page - Cree, Inc

Part # SLV6D-FKB
Description  Cree짰 PLCC6 3 in 1 SMD LED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

SLV6D-FKB Datasheet(HTML) 1 Page - Cree, Inc

  SLV6D-FKB Datasheet HTML 1Page - Cree, Inc SLV6D-FKB Datasheet HTML 2Page - Cree, Inc SLV6D-FKB Datasheet HTML 3Page - Cree, Inc SLV6D-FKB Datasheet HTML 4Page - Cree, Inc SLV6D-FKB Datasheet HTML 5Page - Cree, Inc SLV6D-FKB Datasheet HTML 6Page - Cree, Inc SLV6D-FKB Datasheet HTML 7Page - Cree, Inc SLV6D-FKB Datasheet HTML 8Page - Cree, Inc SLV6D-FKB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC6 3 in 1 SMD LED
SLV6D-FKB
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
These SMD LEDs are packaged in an
industry standard PLCC6 package.
These high performance tricolor SMT
LEDs are designed to work in a wide
range of applications. A wide viewing
angle and high brightness make
these LEDs suitable for various
full color applications.
The encapsulation resin contains UV
inhibitors to minimize the effects of
long-term exposure to direct sunlight,
resulting in stable light output over
the life of the LED.
FEATURES
• Size (mm):5.5 x 5.5
Dominant Wavelength:
Red (619 - 624nm)
Green (520 - 540nm)
Blue (460 - 480nm)
• Luminous Intensity (mcd)
Red (560 - 1120)
Green (900- 1800)
Blue (180 - 450)
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
• Matte Surface
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Decorative lighting
• Amusement
*
:This part is tested under the condition of assembling it on a PCB with isolating the electrical path by silicone.
The leads area of the LED is not IPx8 rated and it’s required to insulate for moisture by customer in outdoor
application.


Similar Part No. - SLV6D-FKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
SLV6A-FKB CREE-SLV6A-FKB Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
SLV6A-FKB-CK1P1G1BB7R3R3 CREE-SLV6A-FKB-CK1P1G1BB7R3R3 Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
SLV6A-FKB-CKNPRGJBB7a363 CREE-SLV6A-FKB-CKNPRGJBB7a363 Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
SLV6A-FKB-CM1Q1H1BB7R3R3 CREE-SLV6A-FKB-CM1Q1H1BB7R3R3 Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
More results

Similar Description - SLV6D-FKB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
Cree짰 PLCC6 3-in-1 SMD LED
CLV6A-FKB MARKTECH-CLV6A-FKB Datasheet
583Kb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLX6E-FKC CREE-CLX6E-FKC Datasheet
2Mb / 12P
Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-AKB CREE-CLX6F-AKB Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-GKB CREE-CLX6F-GKB Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-PKW CREE-CLX6F-PKW Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLY6C-FKC CREE-CLY6C-FKC Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLYBB-FKA CREE-CLYBB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
QLS6A-FKW CREE-QLS6A-FKW Datasheet
1Mb / 13P
Cree짰 PLCC6 3 in 1 SMD LED
CLP6S-FKW CREE-CLP6S-FKW Datasheet
527Kb / 9P
Cree짰 PLCC6 3-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com