Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S4SMS-RJY-CS12QBB1 Datasheet(PDF) 4 Page - Cree, Inc

Part # S4SMS-RJY-CS12QBB1
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

S4SMS-RJY-CS12QBB1 Datasheet(HTML) 4 Page - Cree, Inc

  S4SMS-RJY-CS12QBB1 Datasheet HTML 1Page - Cree, Inc S4SMS-RJY-CS12QBB1 Datasheet HTML 2Page - Cree, Inc S4SMS-RJY-CS12QBB1 Datasheet HTML 3Page - Cree, Inc S4SMS-RJY-CS12QBB1 Datasheet HTML 4Page - Cree, Inc S4SMS-RJY-CS12QBB1 Datasheet HTML 5Page - Cree, Inc S4SMS-RJY-CS12QBB1 Datasheet HTML 6Page - Cree, Inc S4SMS-RJY-CS12QBB1 Datasheet HTML 7Page - Cree, Inc S4SMS-RJY-CS12QBB1 Datasheet HTML 8Page - Cree, Inc S4SMS-RJY-CS12QBB1 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree 4-mm Oval LED
S4SMS-RJY/GJY/BJY
ORDER CODE TABLE*
S4SMS-RJY
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Red
S4SMS-RJY-CS0U0BB1
770
2130
RB
619
RB
624
Bulk
Red
S4SMS-RJY-CS12QBB1
Any 2 consecutive sub-bins: S1 (770) - T2 (1310)
RB
619
RB
624
Bulk
Red
S4SMS-RJY-CS32QBB1
Any 2 consecutive sub-bins: S3 (934) - T4 (1520)
RB
619
RB
624
Bulk
Red
S4SMS-RJY-CS0U0BB2
770
2130
RB
619
RB
624
Ammo
Red
S4SMS-RJY-CS12QBB2
Any 2 consecutive sub-bins: S1 (770) - T2 (1310)
RB
619
RB
624
Ammo
Red
S4SMS-RJY-CS32QBB2
Any 2 consecutive sub-bins: S3 (934) - T4 (1520)
RB
619
RB
624
Ammo
S4SMS-GJY
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Green
S4SMS-GJY-CV0X0Mg5n1
2130
5860
GM
520
g5n
540
Bulk
Green
S4SMS-GJY-CV42QMF1
Any 2 consecutive sub-bins: V4 (2781) - X1 (4600)
Any consecutive 3nm within GM(520) to g5n(540)
Bulk
Green
S4SMS-GJY-CW12QMF1
Any 2 consecutive sub-bins: W1 (3000) - X2 (5020)
Any consecutive 3nm within GM(520) to g5n(540)
Bulk
Green
S4SMS-GJY-CV0X0Mg5n2
2130
5860
GM
520
g5n
540
Ammo
Green
S4SMS-GJY-CV42QMF2
Any 2 consecutive sub-bins: V4 (2781) - X1 (4600)
Any consecutive 3nm within GM(520) to g5n(540) Ammo
Green
S4SMS-GJY-CW12QMF2
Any 2 consecutive sub-bins: W1 (3000) - X2 (5020)
Any consecutive 3nm within GM(520) to g5n(540) Ammo
S4SMS-BJY
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Blue
S4SMS-BJY-CQ0S0GT1
390
1100
BG
460
BT
475
Bulk
Blue
S4SMS-BJY-CQ32QGF1
Any 2 consecutive sub-bins: Q3 (470) - R4 (770)
Any consecutive 3nm within BG(460) to BT(475)
Bulk
Blue
S4SMS-BJY-CQ42QGF1
Any 2 consecutive sub-bins: Q4 (510) - S1 (852)
Any consecutive 3nm within BG(460) to BT(475)
Bulk
Blue
S4SMS-BJY-CQ0S0GT2
390
1100
BG
460
BT
475
Ammo
Blue
S4SMS-BJY-CQ32QGF2
Any 2 consecutive sub-bins: Q3 (470) - R4 (770)
Any consecutive 3nm within BG(460) to BT(475)
Ammo
Blue
S4SMS-BJY-CQ42QGF2
Any 2 consecutive sub-bins: Q4 (510) - S1 (852)
Any consecutive 3nm within BG(460) to BT(475)
Ammo
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single
color-bin codes will be orderable in certain quantities. For example, any 2 consecutive sub-bins from W1 to X2 mean
either one combination out of W1-W2,W2-W3,W3-W4,W4-X1,X1-X2 will be shipped by Cree. For example, any one-
color bin from GM to GX means only one color bin (GM or GN or GP or GQ or GR or GS or GT or GU or GV or GW
or GX or g4t or g5a or g5m or g5n) will be shipped by Cree.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document #1 for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document #2 for information about how to use this LED
product safely.
#1: Refer to http://www.cree.com/led-components/media/documents/LED_Lamp_Reliability_Test_Standard.pdf
#2: Refer to http://www.cree.com/led-components/media/documents/sh-HB.pdf



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com