Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5SMB-RJS-CQ0T0CC1 Datasheet(PDF) 3 Page - Cree, Inc

Part # C5SMB-RJS-CQ0T0CC1
Description  Cree짰 Screen Master짰 5-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C5SMB-RJS-CQ0T0CC1 Datasheet(HTML) 3 Page - Cree, Inc

  C5SMB-RJS-CQ0T0CC1 Datasheet HTML 1Page - Cree, Inc C5SMB-RJS-CQ0T0CC1 Datasheet HTML 2Page - Cree, Inc C5SMB-RJS-CQ0T0CC1 Datasheet HTML 3Page - Cree, Inc C5SMB-RJS-CQ0T0CC1 Datasheet HTML 4Page - Cree, Inc C5SMB-RJS-CQ0T0CC1 Datasheet HTML 5Page - Cree, Inc C5SMB-RJS-CQ0T0CC1 Datasheet HTML 6Page - Cree, Inc C5SMB-RJS-CQ0T0CC1 Datasheet HTML 7Page - Cree, Inc C5SMB-RJS-CQ0T0CC1 Datasheet HTML 8Page - Cree, Inc C5SMB-RJS-CQ0T0CC1 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
CLD-CT1157.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Cree,the
CreelogoandScreenMasterareregisteredtrademarksofCree,Inc.
Intensity Bin Limit (I
F = 20 mA)
Green:C5SMB
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
T0
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
U0
U1
1520
1672
U2
1672
1824
U3
1824
1976
U4
1976
2130
V0
V1
2130
2347
V2
2347
2564
V3
2564
2781
V4
2781
3000
W0
W1
3000
3295
W2
3295
3590
W3
3590
3885
W4
3885
4180
Blue:C5SMB
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
N0
N1
200
220
N2
220
240
N3
240
260
N4
260
280
P0
P1
280
308
P2
308
336
P3
336
364
P4
364
390
Q0
Q1
390
430
Q2
430
470
Q3
470
510
Q4
510
550
R0
R1
550
605
R2
605
660
R3
660
715
R4
715
770
Red: C5SMB
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
Q0
Q1
390
430
Q2
430
470
Q3
470
510
Q4
510
550
R0
R1
550
605
R2
605
660
R3
660
715
R4
715
770
S0
S1
770
852
S2
852
934
S3
934
1017
S4
1017
1100
T0
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
Red: C5SMA
Bin
Code
Sub-
bin
Min.
(mcd)
Max.
(mcd)
P0
P1
280
308
P2
308
336
P3
336
364
P4
364
390
Q0
Q1
390
430
Q2
430
470
Q3
470
510
Q4
510
550
R0
R1
550
605
R2
605
660
R3
660
715
R4
715
770
Toleranceofmeasurementofluminousintensityis±15%.
Color Bin Limit (I
F = 20 mA)
Toleranceofmeasurementofdominantwavelengthis±1nm.
C5SMB - Red
Bin Code
Min. (nm)
Max. (nm)
RC
620
635
Green
Bin Code
Min. (nm)
Max. (nm)
G7
520
525
G8
525
530
G9
530
535
Blue
Bin Code
Min. (nm)
Max. (nm)
B4
465
470
B5
470
475
C5SMA - Red
Bin Code
Min. (nm)
Max. (nm)
RD
620
628



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com