Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5SMT-BJS Datasheet(PDF) 1 Page - Cree, Inc

Part # C5SMT-BJS
Description  Cree짰 Screen Master짰 5-mm Oval LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C5SMT-BJS Datasheet(HTML) 1 Page - Cree, Inc

  C5SMT-BJS Datasheet HTML 1Page - Cree, Inc C5SMT-BJS Datasheet HTML 2Page - Cree, Inc C5SMT-BJS Datasheet HTML 3Page - Cree, Inc C5SMT-BJS Datasheet HTML 4Page - Cree, Inc C5SMT-BJS Datasheet HTML 5Page - Cree, Inc C5SMT-BJS Datasheet HTML 6Page - Cree, Inc C5SMT-BJS Datasheet HTML 7Page - Cree, Inc C5SMT-BJS Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT FAMILY DATA SHEET
Cree® Screen Master® 5-mm Oval LED
C5SMT-BJS
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
The oval LED is specifically designed
for variable-message signs and pas-
senger-information signs.The oval-
shaped radiation pattern and high
luminous intensity ensure that these
devices are excellent for wide-field-
of -view outdoor applications where a
wide viewing angle and readability in
sunlight are essential.
These lamps are made with an ad-
vanced optical-grade epoxy that offers
superior high-temperature and high-
moisture-resistance performance in
outdoor signal and sign applications.
The encapsulation resin contains anti-
UV material in order to reduce the ef-
fects of long-term exposure to direct
sunlight.
FEATURES
•
Size (mm): 5
•
Color and Typical Dominant
Wavelength:Blue (470nm)
•
Luminous Intensity (mcd)
C5SMT-BJS:
(280 - 1100)
•
Lead - Free
•
RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
•
Electronic Signs & Signals
(ESS)
•
Full Color video screen
•
Motorway Signs
•
Variable Message Sign (VMS)
•
Advertising signs
•
Petrol Signs


Similar Part No. - C5SMT-BJS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMA-RJS CREE-C5SMA-RJS Datasheet
737Kb / 9P
Cree짰 Screen Master짰 5-mm Oval LED
C5SMA-RJS-CP0R0DD1 CREE-C5SMA-RJS-CP0R0DD1 Datasheet
737Kb / 9P
Cree짰 Screen Master짰 5-mm Oval LED
C5SMA-RJS-CP0R0DD2 CREE-C5SMA-RJS-CP0R0DD2 Datasheet
737Kb / 9P
Cree짰 Screen Master짰 5-mm Oval LED
C5SMA-RJS-CP14QDD1 CREE-C5SMA-RJS-CP14QDD1 Datasheet
737Kb / 9P
Cree짰 Screen Master짰 5-mm Oval LED
C5SMA-RJS-CQ14QDD1 CREE-C5SMA-RJS-CQ14QDD1 Datasheet
737Kb / 9P
Cree짰 Screen Master짰 5-mm Oval LED
More results

Similar Description - C5SMT-BJS

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C4SMK-RJS MARKTECH-C4SMK-RJS Datasheet
605Kb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
C5SMF-AJS MARKTECH-C5SMF-AJS Datasheet
521Kb / 8P
Cree짰 Screen Master짰 5-mm Oval LED
C5SMF-RJS MARKTECH-C5SMF-RJS Datasheet
521Kb / 10P
Cree짰 Screen Master짰 5-mm Oval LED
logo
Cree, Inc
C4SMA-RGY CREE-C4SMA-RGY Datasheet
897Kb / 10P
Cree짰 Screen Master짰 4-mm Oval LED
C4SMB-AGY CREE-C4SMB-AGY Datasheet
699Kb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
C4SMB-RGY CREE-C4SMB-RGY Datasheet
900Kb / 10P
Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-RJY CREE-S4SMS-RJY Datasheet
1Mb / 9P
Cree짰 Screen Master짰 4-mm Oval LED
C5SMB-AJS CREE-C5SMB-AJS Datasheet
796Kb / 8P
Cree짰 Screen Master짰 5-mm Oval LED
C5SMB-RJS CREE-C5SMB-RJS Datasheet
737Kb / 9P
Cree짰 Screen Master짰 5-mm Oval LED
C5SMS-GJS CREE-C5SMS-GJS Datasheet
798Kb / 8P
Cree짰 Screen Master짰 5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com