Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5SMB-RJS-CQ0T0CC2 Datasheet(PDF) 2 Page - Cree, Inc

Part # C5SMB-RJS-CQ0T0CC2
Description  Cree짰 Screen Master짰 5-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C5SMB-RJS-CQ0T0CC2 Datasheet(HTML) 2 Page - Cree, Inc

  C5SMB-RJS-CQ0T0CC2 Datasheet HTML 1Page - Cree, Inc C5SMB-RJS-CQ0T0CC2 Datasheet HTML 2Page - Cree, Inc C5SMB-RJS-CQ0T0CC2 Datasheet HTML 3Page - Cree, Inc C5SMB-RJS-CQ0T0CC2 Datasheet HTML 4Page - Cree, Inc C5SMB-RJS-CQ0T0CC2 Datasheet HTML 5Page - Cree, Inc C5SMB-RJS-CQ0T0CC2 Datasheet HTML 6Page - Cree, Inc C5SMB-RJS-CQ0T0CC2 Datasheet HTML 7Page - Cree, Inc C5SMB-RJS-CQ0T0CC2 Datasheet HTML 8Page - Cree, Inc C5SMB-RJS-CQ0T0CC2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
CLD-CT1157.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Cree,the
CreelogoandScreenMasterareregisteredtrademarksofCree,Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Red
Blue and Green
Forward Current
I
F
50 Note1
25
mA
Peak Forward Current Note2
I
FP
200
100
mA
Reverse Voltage
V
R
5
5
V
Power Dissipation
P
D
130
100
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max.260°Cfor3sec.max.
(3mmfromthebaseoftheepoxybulb)
Note:
1. Forlong-termperformance,thedrivecurrentsbetween10mAand30mAarerecommended.Pleasecontacta
Creesalesrepresentativeformoreinformationonrecommendeddriveconditions.
2. Pulsewidth≤0.1msec,duty≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
C5SMB - Red
V
F
I
F = 20 mA
V
2.3
2.6
C5SMA - Red
V
F
I
F = 20 mA
V
2.0
2.5
Blue/Green
V
F
I
F = 20 mA
V
3.4
4.0
Reverse Current
Red
I
R
V
R = 5 V
μA
100
Blue/Green
I
R
V
R = 5 V
μA
100
Dominant Wavelength
C5SMB - Red
λ
D
I
F = 20 mA
nm
620
628
635
C5SMA - Red
λ
D
I
F = 20 mA
nm
620
624
628
Green
λ
D
I
F = 20 mA
nm
520
527
535
Blue
λ
D
I
F = 20 mA
nm
465
470
475
Luminous Intensity
C5SMB - Red
I
V
I
F = 20 mA
mcd
390
750
C5SMA - Red
I
V
I
F = 20 mA
mcd
280
450
Green
I
V
I
F = 20 mA
mcd
1100
1750
Blue
I
V
I
F = 20 mA
mcd
200
350



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com