Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503T-RAS Datasheet(PDF) 3 Page - Cree, Inc

Part # C503T-RAS
Description  Cree짰 5-mm Red and Amber Round LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503T-RAS Datasheet(HTML) 3 Page - Cree, Inc

  C503T-RAS Datasheet HTML 1Page - Cree, Inc C503T-RAS Datasheet HTML 2Page - Cree, Inc C503T-RAS Datasheet HTML 3Page - Cree, Inc C503T-RAS Datasheet HTML 4Page - Cree, Inc C503T-RAS Datasheet HTML 5Page - Cree, Inc C503T-RAS Datasheet HTML 6Page - Cree, Inc C503T-RAS Datasheet HTML 7Page - Cree, Inc C503T-RAS Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree 5-mm Round LED
C503T-RAS/RAN
C503T-RCS/RCN/ACS
• Tolerance of measurement of luminous intensity is ±15%
• Tolerance of measurement of dominant wavelength is ±1 nm
C503T-RAS/RAN (15 degree)
Bin Code
Min. (mcd)
Max. (mcd)
X0
4180
5860
Y0
5860
8200
Z0
8200
12000
A0
12000
16800
Red
C503T-ACS (30 degree)
Bin Code
Min. (mcd)
Max. (mcd)
V0
2130
3000
W0
3000
4180
X0
4180
5860
C503T-RCS/RCN (30 degree)
Bin Code
Min. (mcd)
Max. (mcd)
V0
2130
3000
W0
3000
4180
X0
4180
5860
Y0
5860
8200
Red
Bin Code
Min. (nm)
Max. (nm)
RC
620
635
Amber
Bin Code
Min. (nm)
Max. (nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
Amber
INTENSITY BIN LIMIT (I
F = 20 mA)
COLOR BIN LIMIT (I
F = 20 mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com