Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503T-RAN Datasheet(PDF) 1 Page - Cree, Inc

Part # C503T-RAN
Description  Cree짰 5-mm Red and Amber Round LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503T-RAN Datasheet(HTML) 1 Page - Cree, Inc

  C503T-RAN Datasheet HTML 1Page - Cree, Inc C503T-RAN Datasheet HTML 2Page - Cree, Inc C503T-RAN Datasheet HTML 3Page - Cree, Inc C503T-RAN Datasheet HTML 4Page - Cree, Inc C503T-RAN Datasheet HTML 5Page - Cree, Inc C503T-RAN Datasheet HTML 6Page - Cree, Inc C503T-RAN Datasheet HTML 7Page - Cree, Inc C503T-RAN Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT FAMILY DATA SHEET
Cree® 5-mm Red and Amber Round LED
C503T-RAS/RAN
C503T-RCS/RCN/ACS
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
Round LEDs offer superior light out-
put for excellent readability in sun-
light and dependable performance.
They provide extremely stable light
output over long periods of time.
These lamps are made with an ad-
vanced optical-grade epoxy offering
superior high-temperature and high-
moisture-resistance performance in
outdoor signal and sign applications.
FEATURES
• Size (mm): 5
• Color and Typical Dominant
Wavelength:
Red (628nm)
Amber(591nm)
• Luminous Intensity (mcd)
C503T-RAS/RAN:
(4180 - 16800)
C503T-RCS/RCN:
(2130 - 8200)
C503T-ACS:
(2130 - 8200)
• Viewing angle:
C503T-RAS/RAN:
15 degree
C503T-RCS/RCN/ACS:
30 degree
• Lead - Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Electronic Signs & Signals
(ESS)
• Motorway Signs
• Variable Message Sign (VMS)
• Advertising signs
• Petrol Signs
• Amusement


Similar Part No. - C503T-RAN

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-BAN CREE-C503T-BAN Datasheet
732Kb / 8P
Cree짰 5-mm Blue and Green Round LED
C503T-BAN-CW0A0451 CREE-C503T-BAN-CW0A0451 Datasheet
732Kb / 8P
Cree짰 5-mm Blue and Green Round LED
C503T-BAN-CW0A0452 CREE-C503T-BAN-CW0A0452 Datasheet
732Kb / 8P
Cree짰 5-mm Blue and Green Round LED
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
Cree짰 5-mm Blue and Green Round LED
C503T-BAS-CW0A0451 CREE-C503T-BAS-CW0A0451 Datasheet
732Kb / 8P
Cree짰 5-mm Blue and Green Round LED
More results

Similar Description - C503T-RAN

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
Cree짰 5-mm Blue and Green Round LED
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
Cree짰 5-mm Red and Amber Round LEDs
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
Cree짰 5-mm Round LED
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
Cree짰 5-mm Round LED
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
5-mm Red and Amber Round LEDs
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
Cree 5-mm Red and Amber Round LED
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
5 mm Mini Oval Red and Amber LEDs
logo
Cree, Inc
C503T-BAS CREE-C503T-BAS Datasheet
732Kb / 8P
Cree짰 5-mm Blue and Green Round LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com