Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4S-DKB Datasheet(PDF) 2 Page - Cree, Inc

Part # CLM4S-DKB
Description  Cree짰 PLCC4 2 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM4S-DKB Datasheet(HTML) 2 Page - Cree, Inc

  CLM4S-DKB Datasheet HTML 1Page - Cree, Inc CLM4S-DKB Datasheet HTML 2Page - Cree, Inc CLM4S-DKB Datasheet HTML 3Page - Cree, Inc CLM4S-DKB Datasheet HTML 4Page - Cree, Inc CLM4S-DKB Datasheet HTML 5Page - Cree, Inc CLM4S-DKB Datasheet HTML 6Page - Cree, Inc CLM4S-DKB Datasheet HTML 7Page - Cree, Inc CLM4S-DKB Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree PLCC4 2 in 1 SMD LED
CLM4S-DKB
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
R
G
Forward Current
I
F
50
25
mA
Peak Forward Current Note 1
I
FP
200
100
mA
Reverse Voltage
V
R
5
5
V
Power Dissipation
P
D
125
100
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
+110
°C
Junction/ambient
R
THJA
450
400
°C/W
Junction/solder point
R
THJS
300
280
°C/W
Note: Pulse width ≤0.1 msec, duty ≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Condition
Symbol
Values
Unit
R
G
Wavelength at peak emission
I
F = 20 mA
λ
PEAK
624
527
nm
Dominant Wavelength
I
F = 20 mA
λ
DOM
620~628
520~540
nm
Spectral bandwidth at 50% I
REL max
I
F = 20 mA
∆λ
23
38
nm
Viewing Angle at 50% I
V
I
F = 20 mA
2θ½
120
120
deg
Forward Voltage
I
F = 20 mA
V
F(avg)
2.0
3.4
V
V
F(max)
2.5
4.0
V
Luminous Intensity
I
F = 20 mA
I
V(min)
140
280
mcd
I
V(avg)
180
450
mcd
Reverse Current (max)
V
R = 5 V
I
R
10
10
μA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com