Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP41T-RDS Datasheet(PDF) 2 Page - Cree, Inc

Part # CP41T-RDS
Description  Cree짰 P4 LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41T-RDS Datasheet(HTML) 2 Page - Cree, Inc

  CP41T-RDS Datasheet HTML 1Page - Cree, Inc CP41T-RDS Datasheet HTML 2Page - Cree, Inc CP41T-RDS Datasheet HTML 3Page - Cree, Inc CP41T-RDS Datasheet HTML 4Page - Cree, Inc CP41T-RDS Datasheet HTML 5Page - Cree, Inc CP41T-RDS Datasheet HTML 6Page - Cree, Inc CP41T-RDS Datasheet HTML 7Page - Cree, Inc CP41T-RDS Datasheet HTML 8Page - Cree, Inc CP41T-RDS Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree P4 LED
CP41T-RDS/ADS
CP41T-RFS/RFS
CP41T-RHS/AHS
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Red/Amber
Forward Current
I
F
70 Note1
mA
Peak Forward Current Note2
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
220
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 5 sec. max.
(3 mm from the base of the epoxy bulb)
Note:
1. A heat sink is recommended if the device is operated at ambient temperatures higher than 25°C.
2.Pulsewidth≤0.1msec,duty≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Red/Amber
V
F
I
F = 70 mA
V
2.6
3.2
Reverse Current
Red/Amber
I
R
V
R = 5 V
μA
100
Dominant Wavelength
Red
λ
D
I
F = 70 mA
nm
620
628
637
Amber
λ
D
I
F = 70 mA
nm
584
591
599
Luminous Flux
Red
CP41T-RDS (40 degree)
Φ
v
I
F = 70 mA
mlm
2750
4000
CP41T-RFS (70 degree)
Φ
v
I
F = 70 mA
mlm
3300
4500
CP41T-RHS (100 degree)
Φ
v
I
F = 70 mA
mlm
3300
4000
Amber
CP41T-ADS/AFS/AHS
Φ
v
I
F = 70 mA
mlm
2200
3200
50% Power Angle
CP41T-RDS/ADS
2θ½
I
F = 70 mA
deg
40
CP41T-RFS/AFS
2θ½
I
F = 70 mA
deg
70
CP41T-RHS/AHS
2θ½
I
F = 70 mA
deg
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com