Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP42T-RKS Datasheet(PDF) 3 Page - Cree, Inc

Part # CP42T-RKS
Description  Cree짰 P4 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP42T-RKS Datasheet(HTML) 3 Page - Cree, Inc

  CP42T-RKS Datasheet HTML 1Page - Cree, Inc CP42T-RKS Datasheet HTML 2Page - Cree, Inc CP42T-RKS Datasheet HTML 3Page - Cree, Inc CP42T-RKS Datasheet HTML 4Page - Cree, Inc CP42T-RKS Datasheet HTML 5Page - Cree, Inc CP42T-RKS Datasheet HTML 6Page - Cree, Inc CP42T-RKS Datasheet HTML 7Page - Cree, Inc CP42T-RKS Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree P4 LED
CP42T-RKS
•Toleranceofmeasurementofluminousfluxis±15%
•Toleranceofmeasurementofdominantwavelengthis±1nm
• ToleranceofmeasurementofVFis±0.05V.
Red
Bin Code
Min.(nm)
Max.(nm)
RE
620
637
Red
Bin Code
Min. (V)
Max. (V)
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
28
3.0
3.2
Red
Bin Code
Min.(mlm)
Max.(mlm)
J0
3300
3850
K0
3850
4400
L0
4400
5500
FLUX BIN LIMIT (I
F = 70 mA)
COLOR BIN LIMIT (I
F = 70 mA)
VF BIN LIMIT (I
F = 70 mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com