Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15C01SS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 15C01SS
Description  Low-Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

15C01SS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  15C01SS Datasheet HTML 1Page - Sanyo Semicon Device 15C01SS Datasheet HTML 2Page - Sanyo Semicon Device 15C01SS Datasheet HTML 3Page - Sanyo Semicon Device 15C01SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
15C01SS
No.7508-3/4
0
0
50
100
200
150
250
40
20
100
120
60
80
140
160
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
10
2
3
5
7
100
2
3
5
7
1000
IT05494
IC / IB=50
Ta=75
°C
--25
°C
25
°C
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
5
7
100
2
3
5
7
IT05496
VCE=2V
1.0
23
5
7 10
23
5
7 100
23
5
7 1000
100
2
3
5
7
1000
2
3
5
7
10000
IT05495
Ta= --25°C
75°C
25
°C
0.1
23
5
7 1.0
23
5
7
10
23
1.0
2
3
5
7
10
IT05497
f=1MHz
IC / IB=20
fT -- IC
Cob -- VCB
VCE(sat) -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- mA
IT05520
Ambient Temperature, Ta --
°C
PC -- Ta
Mounted
on
a glass
epoxy
board(20
!
30
!
1.6mm)
f=1MHz
0.1
0.1
IT06067
7
5
3
2
10
7
5
3
2
7
5
3
2
1.0
100
3
2
57
3
2
57
1.0
10
OUT
IN
1k
Ω
1k
Ω
IB
Ron -- IB
Base Current, IB -- mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com