Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPSM202 Datasheet(PDF) 13 Page - Semtech Corporation

Part # RGPSM202
Description  SlimGPS??Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RGPSM202 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button RGPSM202 Datasheet HTML 9Page - Semtech Corporation RGPSM202 Datasheet HTML 10Page - Semtech Corporation RGPSM202 Datasheet HTML 11Page - Semtech Corporation RGPSM202 Datasheet HTML 12Page - Semtech Corporation RGPSM202 Datasheet HTML 13Page - Semtech Corporation RGPSM202 Datasheet HTML 14Page - Semtech Corporation RGPSM202 Datasheet HTML 15Page - Semtech Corporation RGPSM202 Datasheet HTML 16Page - Semtech Corporation RGPSM202 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
© Semtech 2005
www.semtech.com
13
RGPSM202
SlimGPS™ Receiver
5.3.6
RMC—Recommended Minimum Specific GNSS Data
Description: This message reports the time, date, position, course, and speed from the receiver’s navigation solution.
RMC is described in Table 14.
Name
Example
Units
Description
Message ID
$GPRMC
RMC protocol header
UTC Position
161229.487
Hh mm ss.sss
Status
A
A = data valid or V = data not valid
Latitude
3723.2475
Dd mm.mmmm
N/S Indicator
N
N = north or S = south
Longitude
12158.3416
Ddd mm.mmmm
E/W Indicator
W
E = east or W = west
Speed Over Ground
0.13
knots
Course Over Ground
309.62
degrees
True
Date
120598
Dd mm yy
Magnetic Variation
1
02.6
degrees
E/W Indicator
W
E = east or W = west
Mode Indicator
A
A = autonomous, D = differential, E = estimated,
M = manual input, S=simulator mode, N = not valid
Checksum
*10
<CR><LF>
End of message termination
1 All "course over ground" data are geodetic WGS84 directions.
Table 14. RMC Data Format
Example: The values reported in this example are interpreted as shown in Table 14:
$GPRMC,161229.487,A,3723.2475,N,12158.3416,W,0.13,309.62,120598, 02.6,W,A*10
5.3.7
VTG—Course Over Ground and Ground Speed
Description: This message reports current ground course and speed data. Course is reported relative to true north only.
The VTG message is defined in Table 15.
Name
Example
Units
Description
Message ID
$GPVTG
VTG protocol header
Course
309.62
degrees
Measured heading
Reference
T
True
Course
139.6
degrees
Measured heading
Reference
M
Magnetic
1
Speed
0.13
knots
Measured horizontal speed
Units
N
Knots
Speed
0.2
km/hr
Measured horizontal speed
Units
K
Kilometer per hour
Mode Indicator
A
A = autonomous, D = differential, E = estimated,
M = manual input, S=simulator mode, N = not valid
Checksum
*6E
<CR><LF>
End of message termination
1 All "course over ground" data are geodetic WGS84.
Table 15. VTG Data Format
Example: The values reported in this example are interpreted as shown in Table 15:
$GPVTG,137.7,T,139.6,M,007.4,N,013.7,K,A*47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com