Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52B Datasheet(PDF) 1 Page - MKS Instruments.

Part # 52B
Description  Provides high reliability which reduces downtime and lowers the cost of ownership
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

52B Datasheet(HTML) 1 Page - MKS Instruments.

  52B Datasheet HTML 1Page - MKS Instruments. 52B Datasheet HTML 2Page - MKS Instruments. 52B Datasheet HTML 3Page - MKS Instruments. 52B Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
41B, 42B, 51B, 52B
PRESSURE SwITChES
The 41B, 42B, 51B and 52B Vacuum, Atmospheric, and Pressure Switches offer accurate
and reliable protection for vacuum equipment, atmospheric switching, and vacuum/pressure
processes. Designed for applications where a DC signal output is not required, these
switches provide relay outputs that are readily interfaced with alarms, valve actuators,
computers, process controllers, load locks and other protection devices.
The 41B and 42B models are referenced to atmospheric pressure, while the 51B and
52B products are referenced to vacuum. The 41B/42B switches are often used to ensure
a loadlock pressure has equilibrated to local atmospheric pressure before opening the
door. The trip point on MKS’ atmospheric switches can be set to trip above, below (reverse
calibration), or exactly at current atmospheric pressure. Applications for the 51B/52B
switches include soft pumping, gas box switching, and safety interlocks.
Features & Benefits
• Precisecontrolforawidevarietyof
production applications including
semiconductor processing tools, high
vacuum pumps, compressors, blowers,
medical equipment and machine tools
• Provideshighreliabilitywhichreduces
downtime and lowers the cost of
ownership
• Superbsetpointaccuracyandrepeat-
ability: 0.5% of F.S. increases process
control
• Corrosion-resistant:all-metal,all-welded
construction exposes only 316L S.S. and
Inconel® to the media
• Switchrelaycanbesettoenergize
above or below set point for fail-safe
operation
• Lowhysteresisduetocapacitance
technology improves set point accuracy
over mechanical switches
• Factory-settrippointfrom5%to100%of
Full Scale means no need for personnel
to adjust the set point and elimination
of safety concerns from an erroneously
adjusted set point
• Fastresponseswitching:20msec
• Excellentlongtermstability
• Ruggedhighoverpressurerating
(2 × F.S. or 45 psia, whichever is greater)
for pressure cycling applications


Similar Part No. - 52B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
52BAK SIEMENS-52BAK Datasheet
325Kb / 4P
30 mm Heavy Duty, Watertight/Oiltight, Class 52
More results

Similar Description - 52B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC705J2 FREESCALE-MC68HC705J2 Datasheet
2Mb / 82P
member of the low-cost
logo
Everlight Electronics C...
30-01UYC EVERLIGHT-30-01UYC Datasheet
182Kb / 4P
Fewer LEDs Required, Lowers Lighting System Cost
logo
Freescale Semiconductor...
S9S08SL8F1CTJ FREESCALE-S9S08SL8F1CTJ Datasheet
2Mb / 356P
provides the functional version of the on-chip modules
logo
Maxim Integrated Produc...
MAX17232 MAXIM-MAX17232 Datasheet
1Mb / 24P
Eliminates External Components and Reduces Total Cost
Rev 0; 2/16
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
PUI audio inc.
PNM-2751L-C3310-R PUIAUDIO-PNM-2751L-C3310-R Datasheet
532Kb / 5P
Reduces the effect of wind and road noise
PNM-3546L-C3310-R PUIAUDIO-PNM-3546L-C3310-R Datasheet
574Kb / 5P
Reduces the effect of wind and road noise
PNM-3552L-C3310-R PUIAUDIO-PNM-3552L-C3310-R Datasheet
574Kb / 5P
Reduces the effect of wind and road noise
logo
Seoul Semiconductor
SWW0CS07S SEOUL-SWW0CS07S Datasheet
829Kb / 23P
High reliability and High quality of light
logo
Murata Manufacturing Co...
BLM21BB201SZ1 MURATA1-BLM21BB201SZ1_V01 Datasheet
324Kb / 4P
The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and which greatly reduces the possibility of resonance and
Last updated07/11/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com