Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23T2/41 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 23T2/41
Description  23 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts; 3-pack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

23T2/41 Datasheet(HTML) 1 Page - Satco Products, Inc.

  23T2/41 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6275
23T2/41
23 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI;
Medium base; 120 volts; 3-pack
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
3 -Bulb Value Pack
S6275
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S6275
045923062759
120
23
100W
T2
Medium
E26
Lamp Code
MOL In Inches
MOD In Inches
Initial Lumens
Average Rated Hours Kelvin Temp
Color
Pack
23T2/41
4.88''
2.13''
1600
12000
4100
Cool White
12
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Box
82
Lawful for sale in
California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 23T2/41

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
23T2/41 SATCO-23T2/41 Datasheet
125Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
More results

Similar Description - 23T2/41

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5544 SATCO-S5544 Datasheet
130Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 3-pack
S5546 SATCO-S5546 Datasheet
130Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI;Medium base; 120 volts; 3-pack
S6272 SATCO-S6272 Datasheet
138Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts; 3-pack
S6274 SATCO-S6274 Datasheet
125Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 3-pack
S6276 SATCO-S6276 Datasheet
140Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts; 3-pack
S7218 SATCO-S7218 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7222 SATCO-S7222 Datasheet
124Kb / 1P
15 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7228 SATCO-S7228 Datasheet
125Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7262 SATCO-S7262 Datasheet
125Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S8210 SATCO-S8210 Datasheet
126Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; GU24 base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com