Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5DS/E/841 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CF5DS/E/841
Description  5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CF5DS/E/841 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CF5DS/E/841 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6412
CF5DS/E/841
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S6412
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6412
046135203152
120
5
T4
2G7
2G7
CF5DS/E/841
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
3.4''
230
10000
4100
Cool White
50
Box
82
RoHS Compliant
UL or ETL Listed
Status
Suggested Substitute
Yes
Yes
Discontinued
S8361


Similar Part No. - CF5DS/E/841

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CF5DS/E/827 SATCO-CF5DS/E/827 Datasheet
123Kb / 1P
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
More results

Similar Description - CF5DS/E/841

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6413 SATCO-S6413 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S6414 SATCO-S6414 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S6415 SATCO-S6415 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S6416 SATCO-S6416 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S6701 SATCO-S6701 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23 base
S8360 SATCO-S8360 Datasheet
123Kb / 1P
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S8362 SATCO-S8362 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S8363 SATCO-S8363 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S8364 SATCO-S8364 Datasheet
122Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S8365 SATCO-S8365 Datasheet
122Kb / 1P
9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com