Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF7DS/E/827 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CF7DS/E/827
Description  7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CF7DS/E/827 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CF7DS/E/827 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6413
CF7DS/E/827
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S6413
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6413
046135203121
120
7
T4
2G7
2G7
CF7DS/E/827
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
4-1/2''
400
10000
2700
Warm White
50
Box
82
CEC Status
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
Yes
Yes
2 Year Limited


Similar Part No. - CF7DS/E/827

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CF7DS/E/827 SATCO-CF7DS/E/827 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
More results

Similar Description - CF7DS/E/827

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6412 SATCO-S6412 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S6414 SATCO-S6414 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S6415 SATCO-S6415 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S6416 SATCO-S6416 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S6702 SATCO-S6702 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S8360 SATCO-S8360 Datasheet
123Kb / 1P
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S8362 SATCO-S8362 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S8363 SATCO-S8363 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S8364 SATCO-S8364 Datasheet
122Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S8365 SATCO-S8365 Datasheet
122Kb / 1P
9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com