Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5DS/827 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CF5DS/827
Description  5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CF5DS/827 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CF5DS/827 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6700
CF5DS/827
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S6700
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6700
046135212796
120
5
T4
G23
G23
CF5DS/827
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
4.2''
230
10000
2700
Warm White
50
Box
82
CEC Status
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
Yes
Yes
2 Year Limited


Similar Part No. - CF5DS/827

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CF5DS/841 SATCO-CF5DS/841 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23 base
More results

Similar Description - CF5DS/827

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6701 SATCO-S6701 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23 base
S6702 SATCO-S6702 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S6707 SATCO-S6707 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S6714 SATCO-S6714 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23-2 base
S8300 SATCO-S8300 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S8303 SATCO-S8303 Datasheet
124Kb / 1P
7 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S8306 SATCO-S8306 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S8309 SATCO-S8309 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S8314 SATCO-S8314 Datasheet
123Kb / 1P
9 watt; pin-based Double Twin Compact Fluorescent; 2700K; 82 CRI; G23-2 base
S8360 SATCO-S8360 Datasheet
123Kb / 1P
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com