Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5DS/841 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CF5DS/841
Description  5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CF5DS/841 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CF5DS/841 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6701
CF5DS/841
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S6701
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6701
046135212789
120
5
T4
G23
G23
CF5DS/841
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
4.2''
230
10000
4100
Cool White
50
Box
82
CEC Status
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
Yes
Yes
2 Year Limited


Similar Part No. - CF5DS/841

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CF5DS/827 SATCO-CF5DS/827 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
More results

Similar Description - CF5DS/841

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6412 SATCO-S6412 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S6700 SATCO-S6700 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S6703 SATCO-S6703 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S6707 SATCO-S6707 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S6708 SATCO-S6708 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23 base
S6709 SATCO-S6709 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S8300 SATCO-S8300 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S8303 SATCO-S8303 Datasheet
124Kb / 1P
7 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S8305 SATCO-S8305 Datasheet
124Kb / 1P
7 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S8309 SATCO-S8309 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com