Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA02A Datasheet(PDF) 4 Page - MKS Instruments.

Part # AA02A
Description  All-digital architecture and improved thermal management provides better long-term stability, improved accuracy and increased reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

AA02A Datasheet(HTML) 4 Page - MKS Instruments.

  AA02A Datasheet HTML 1Page - MKS Instruments. AA02A Datasheet HTML 2Page - MKS Instruments. AA02A Datasheet HTML 3Page - MKS Instruments. AA02A Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AA02A
S
4
4
.1
CE
Ordering Information
AA02A Heated Manometer - 12/18
© 2014-2018 MKS Instruments, Inc.
All rights reserved.
Some Baratron® capacitance manometer products may not be exported to many end user countries without both US and
local government export licenses under ECCN 2B230. Specifications are subject to change without notice. mksinst™ is a
trademark and Baratron® is a registered trademark of MKS Instruments, Inc., Andover, MA. Inconel® and Incoloy® are
registered trademarks of Inco Alloys, Inc., Huntington, WV. VCR® and VCO® are registered trademarks of Swagelok
Corporation, Solon, OH.
B
00
0
V
0
0
T
Ordering Code Example: AA02A.1TCES44B000V00
Code
Configuration
Basic Model
AA02A
Range
0.1
.1
0.25
RE
1
01
2
02
10
11
20
21
100
12
200
22
500
52
1000
13
Units of Measurement
Torr absolute
T
mbar absolute
M
kPa absolute
K
Fittings
½'' OD tube
BA
4 female VCR (ranges > 2 Torr only) (must be used with V sensor only)
CD
8 female VCR
CE
8 male VCR
CF
KF16
GA
KF25
GC
8 VCO female
DA
1.33'' OD CF
HA
2.75'' OD CF
HC
Sensor Type and Inlet Tube Length
Standard Sensor, standard inlet tube length
S
Standard Sensor, reduced inlet tube length
T
Input Voltage
+24 VDC
3
±15 VDC
4
+24 VDC (required with trip point option)
5
±15 VDC (required with trip point option)
6
Sensor Temperature
100°C
1
80°C
8
45°C
4
Electrical Connector
15 pin D-subminiature, thread locks
B
15 pin D-subminiature, slide locks
P
Trip Points
None
00
Trip A above 50%, Trip B above 50% of Full Scale Range
AA
Trip A above 50%, Trip B below 50% of Full Scale Range
AB
Trip A below 50%, Trip B below 50% of Full Scale Range
BB
Trip A below 50%, Trip B above 50% of Full Scale Range
BA
Reserved
Reserved
0
Calibration Orientation (ranges < 1 Torr only)
Standard (all ranges
≥ 1 Torr)
0
Vertical (ranges < 1 Torr only)
V
Horizontal (ranges < 1 Torr only)
H
Accuracy
Standard Accuracy
0
Reserved
Reserved
0
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel: 978.645.5500
Tel: 800.227.8766 (in U.S.A.)
Web: www.mksinst.com
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
Six Shattuck Road
Andover, MA 01810
Tel: 978.975.2350



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com