Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF720 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF720
Description  N-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF720 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF720 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF720 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF720 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF720 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF720 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF720 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IRF320-323/IRF720-723/MTP3N35/3N40 T-39-11
N-Channel Power MOSFETs, 3.0A, 350-400V
www.artschip.com
2
Maximum Ratings
Symbol
Characteristic
Rating
IRF320/322
IRF720/722
MTP3N40
Rating
IRF321/323
IRF721/723
MTP3N35
Unit
VDSS
Drain to Source Voltage
2
400
350
V
VDGR
Drain to Gate Voltage
2
RGS=20k Ω
400
350
V
VGS
Gate to Source Voltage
±20
±20
V
TJ, Tstg
Operating Junction and
Storage Temperatures
-55 to +150
-55 to +150
℃
TL
Maximum Lead Temperature
for Soldering Purposes,
1/8” From Case for 5s
275
275
℃
Maximum Thermal Characteristics
IRF320-323/
IRF720-723
MTP3N35/3N40
R ӨJC
Thermal Resistance,
Junction to Case
3.12
1.67
℃
/W
R ӨJA
Thermal Resistance,
Junction to Ambient
30/80
80
℃
/W
PD
Total Power Dissipation
at Tc=25℃
40
75
W
IDM
Pulsed Drain Current2
12
12
A
Electrical Characteristics (Tc=25℃ unless otherwise noted)
Symbol
Characteristic
Min
Max
Unit
Test Conditions
Off Characteristics
400
V(BR)DSS
Drain Source Breakdown Voltage 1
IRF320/322/720/722
MTP3N40
IRF321/323/721/723/
MTP3N35
350
V
VGS=0V, ID=250µA
250
µA
VDS=Rated VDSS, VGS=0V
IDSS
Zero Gate Voltage Drain Current
1000
µA
VDS=0.8 x Rated VDSS,
VGS=0V, Tc=125℃
IGSS
Gate-Body Leakage Current
IRF320-323
IRF720-723/MTP3N35/3N40
±100
±500
nA
VGS=±20V, VDS=0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com