Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF443 Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF443
Description  N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF443 Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF443 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF443 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF443 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF443 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF443 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IRF440-443/IRF840-843
MTM7N45/7N50
N-Channel Power MOSFETs
8A, 450V/500V
www.artschip.com
5
Typical Performance Curves (Cont.)
Figure 7 Forward Biased Safe Operating Area Curves
Typical Electrical Characteristics
Figure 9 Switching Test Circuit
Figure 8 Transient Thermal Resistance vs Time
Figure 10 Switching Waveforms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com