Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF640 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF640
Description  N-Channel Power Mosfets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF640 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF640 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF640 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF640 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF640 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF640 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF640 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IRF640, RF1S640,RF1S640SM
18A, 200V, 0.180 Ohm, N-Channel Power Mosfets
www.artschip.com
2
Electrical Specifications
Tc=25℃, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown
BVDSS
ID=250µA, VGS=0V, (Figure 10)
200
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS=VDS, ID=250µA
2
-
4
V
VDS=Rated BVDSS, VGS=0V
-
-
25
µA
Zero Gate Voltage Drain Current
IDSS
VDS=0.8 x Rated BVDSS, VGS=0V, TJ=125℃
-
-
250
µA
On-State Drain Current (Note 1)
ID(ON)
VDS>ID(ON) x rDS(ON)MAX, VGS=10V (Figure 7)
18
-
-
A
Gate to Source Leakage Current
IGSS
VGS=±20V
-
-
±100
nA
Drain to Source On Resistance(Note1)
ID(ON)
ID=10A, VGA=10V (Figure8,9)
-
0.14
0.18
Ω
Forward Transconductance (Note1)
gfs
VDS≥10V, ID=11A (Figure 12)
6.7
10
-
S
Turn-On Delay Time
td(ON)
-
13
21
ns
Rise Time
tr
-
50
77
ns
Turn-Off Delay Time
td(OFF)
-
46
68
ns
Fall Time
tf
VDD=100V, ID=18A, RGS=9.1 Ω, RL=5.4 Ω,
MOSFET Switching Times are Essentially
Independent of Operating Temperature
-
35
54
ns
Total Gate Charge
(Gate to Source +Gate to Drain)
Qg(TOT)
-
43
64
nC
Gate to Source Charge
Qgs
-
8
-
nC
Gate to Drain “Miller” Charge
Qgd
VGS=10V, ID=18A, VDS=0.8 x Rated BVDSS
(Figure 14) Gate Charge is Essentially
Independent of Operating Temperature
IG(REF)=1.5mA
-
22
-
nC
Input Capacitance
CISS
-
1275
-
pF
Output Capacitance
COSS
-
400
-
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, F=1MHz (Figure 11)
-
100
-
pF
Measured From the
contact Screw on Tab
to Center of Die
-
3.5
-
nH
Internal Drain Inductance
LD
Measured From the
Drain
Lead,
6mm
(0.25in)
From
Package to Center of
Die
-
4.5
-
nH
Internal Source Inductance
LS
Measured From the
Source Lead, 6mm
(0.25in) from Header
to Source Bonding
Pad
Modified
MOSFET
Symbol Showing the
Internal
Devices
Inductances
-
7.5
-
nH
Thermal Resistance Junction to Case
R ӨJC
-
-
1
℃
/W
R ӨJA
Free Air Operation, IRF640
-
-
62
℃
/W
Thermal Resistance Junction to
Ambient
R ӨJA
RF1S640SM Mounted on FR-4 Board with
Minimum Mounting Pad
-
-
62
℃
/W
Source to Drain Diode Specifictions
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
-
-
18
A
Pulse Source to Drain Current
(Note 2)
ISDM
Modified
MOSFET
Symbol Showing the
integral Reverse P-N
Junction Diode
-
-
72
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ=25℃, ISD=18A, VGS=0V, (Figure 13)
-
-
2.0
V
Reverse Recovery Time
trr
TJ=25℃, ISD=18A, dISD/dt=100A/µs
120
240
530
ns
Reverse Recovery Charge
Qrr
TJ=25℃, ISD=18A, dISD/dt=100A/µs
1.3
2.8
5.6
µC
NOTES:
2.
Pulse Test: Pulse width ≤ 300µs, duty cycle ≤ 2%.
3.
Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3).
4.
VDD=50V, starting TJ=25℃, L=3.37mH, RG=25 Ω, peak IAS=18A.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com