Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP2N50 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MTP2N50
Description  N-Channel Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MTP2N50 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MTP2N50 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP2N50 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP2N50 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP2N50 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP2N50 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IRF420-423/IRF820-823
MTP2N45/2N50
N-Channel Power MOSFETs
3.0A, 450V/500V
www.artschip.com
3
Electrical Characteristics (Cont.) (Tc=25℃ unless otherwise noted)
Symbol
Characteristic
Min
Max
Unit
Test Conditions
On characteristics
2.0
4.0
VGS(th)
Gate Threshold Voltage
IRF420-423/IRF820-823
MTP2N45/MTP2N50
2.0
4.5
V
ID=250µA, VDS=VGS
ID=1.0mA, VDS=VGS
3.0
4.0
RDS(on)
Static Drain-Source On-Resistance 2
IRF420/421/820/821
IRF422/423/822/823
MTP2N45/50
4.0
Ω
VGS=10V, ID=1.0A
10
VDS(on)
Drain-Source On-Voltage2
MTP2N45/50
8
V
V
VGS=10V; ID=2.0A
VGS=10V; ID=1.0A
Tc=100℃
gfs
Forward Transconductance
1.0
S( )
VDS=10V, ID=1.0A
Dynamic Characteristics
Ciss
Input Capacitance
400
pF
Coss
Output Capacitance
100
pF
Crss
Reverse Transfer Capacitance
40
pF
VDS=25V, VGS=0V
f=1.0MHz
Switching Characteristics (Tc=25℃, Figure 1,2)
3
td(on)
Turn-On Delay Time
40
ns
tr
Rise Time
50
ns
td(off)
Turn-Off Delay Time
60
ns
tf
Fall Time
60
ns
VDD=250V, ID=1.0A
VGS=10V, RGEN=50 Ω
RGS=50 Ω
Qg
Total Gate Charge
15
nC
VGS=10V, ID=3.0A
VDD=200V
Symbol
Characteristic
Typ
Max
Unit
Test Conditions
Source-Drain Diode Characteristics
1.4
V
Is=2.5A; VGS=0V
VSD
Diode Forward Voltage
1.3
V
Is=2.0A; VGS=0V
trr
Reverse Recovery Time
600
ns
Is=2.5A; dIs/dt=100A/µS
Notes
1.
TJ=+25℃ to +150℃
2.
Pulse width limited by TJ
3.
Switching time measurements performed on LEM TR-58 test equrpment.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com