Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP250B Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFP250B
Description  200V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFP250B Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFP250B Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP250B Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP250B Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP250B Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP250B Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP250B Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFP250B Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFP250B
200V N-Channel MOSFET
www.artschip.com
2
Electrical Characteristics Tc=25℃ unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250µA
200
-
-
V
∆BVDSS
/∆TJ
Breakdown Voltage Temperature
Coefficient
ID=250µA, Referenced to 25℃
-
0.2
-
V/℃
VDS=200V, VGS=0V
-
-
10
µA
IDSS
Zero Gate Voltage Drain Current
VDS=160V, Tc=125℃
-
-
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS=30V, VDS=0V
-
-
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS=-30V, VDS=0V
-
-
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250µA
2.0
-
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS=10V, ID=16A
-
0.071
0.085
Ω
gFS
Forward Transconductance
VDS=40V, ID=16A (Note4)
-
27
-
S
Dynamic Characteristics
Ciss
Input Capacitance
-
2600
3400
pF
Coss
Output Capacitance
-
330
430
pF
Crss
Reverse Transfer Capacitance
VDS=25V, VGS=0V,
f=1.0MHz
-
75
100
pF
Switching Characteristics
td(on)
Turn-On Delay Time
-
30
70
ns
tr
Turn-On Rise Time
-
240
490
ns
td(off)
Turn-Off Delay Time
-
295
600
ns
tf
Turn-Off Fall Time
VDD=100V, ID=32A,
RG=25 Ω
(Note 4,5)
-
195
400
ns
Qg
Total Gate Charge
-
95
123
nC
Qgs
Gate-Source Charge
-
13
-
nC
Qgd
Gated-Drain Charge
VDS=160V, ID=32A,
VGS=10V
(Note 4,5)
-
43
-
nC
Drain-Source Diode Characteristics and Maximum Ratings
Is
Maximum Continuous Drain-Source Diode Forward Current
-
-
32
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
-
-
128
A
VSD
Drain-Source Diode Forward Voltage
VGS=0V, IS=32A
-
-
1.5
V
trr
Reverse Recovery Time
-
220
-
ns
Qrr
Reverse Recovery Charge
VGS=0V, IS=32A
dIF/dt=100A/µs
(Note 4)
-
1.89
-
µC
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature
2.
L=0.88mH, IAS=32A, VDD=50V, RG=25 Ω, Starting TJ=25℃
3.
ISD≤32A, di/dt≤300A/µs, VDD≤BVDSS, Starting TJ=25℃
4.
Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤2%
5.
Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com