Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFZ10 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFZ10
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFZ10 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFZ10 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ10 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ10 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ10 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ10 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ10 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ10 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFZ10
HEXFET
®
Power MOSFET
www.artschip.com
2
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Is
Continuous Source Current
(Body Diode)
-
-
10
ISM
Pulsed Source Current
(Body Diode) ①
-
-
40
A
MOSFET
symbol
showing the integral
reverse p-n junction
diode
VSD
Diode Forward Voltage
-
-
1.6
V
TJ=25℃, IS=10A, VGS=0V ④
trr
Reverse Recovery Time
-
70
140
ns
Qrr
Reverse Recovery Charge
-
0.20
0.40
µC
TJ=25℃, IF=10A
di/dt=100A/µs ④
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
①
Repetitive rating: pulse width limited by max. junction temperature (See Figure 11)
③
ISD≤10A, di/dt ≤ 90A/µs, VDD≤V(BR)DSS, TJ≤175℃
Fig 1. Typical Output Characteristics,
Tc=25℃
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics,
Tc=175℃
Fig 4. Normalized On-Resistance
Vs. Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com