Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA02A Datasheet(PDF) 4 Page - MKS Instruments.

Part # DA02A
Description  TEMPERATURE-CONTROLLED ABSOLUTE BARATRON CAPACITANCE MANOMETER WITH ETHERCAT COMMUNICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

DA02A Datasheet(HTML) 4 Page - MKS Instruments.

  DA02A Datasheet HTML 1Page - MKS Instruments. DA02A Datasheet HTML 2Page - MKS Instruments. DA02A Datasheet HTML 3Page - MKS Instruments. DA02A Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CE
2
11
T
Ordering Information
DA02A - 12/18
© 2016-2018 MKS Instruments, Inc.
All rights reserved.
Some Baratron® capacitance manometer products may not be exported to many end user countries without both US and local
government export licenses under ECCN 2B230.
Specifications are subject to change without notice. mksinst™ is a trademark and Baratron® is a registered trademark of
MKS Instruments, Inc., Andover, MA. Inconel® and Incoloy® are registered trademarks of Inco Alloys, Inc., Huntington, WV.
EtherCAT® is a registered trademark and patented technology, licensed by Beckhoff Automation GmbH, Germany. VCR® and
VCO® are registered trademarks of Swagelok Corporation, Solon, OH. SEMI® is a registered trademark of SEMI, San Jose,
CA.
4
S
DA02A
0
0
C
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel: 978.645.5500
Tel: 800.227.8766 (in U.S.A.)
Web: www.mksinst.com
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
Six Shattuck Road
Andover, MA 01810
Tel: 978.975.2350
AA
Ordering Example: DA02A11TCES24C00AA
Code
Configuration
DA02A Baratron Digital Capacitance Manometer
DA02A
Range
0.1
.1
0.25
RE
1
01
2
02
10
11
20
21
50
51
100
12
200
22
500
52
1000
13
Units of Measurement
Torr absolute
T
mbar absolute
M
kPa absolute
K
Fittings
1/2'' OD tube
BA
8 female VCR
CE
8 male VCR
CF
8 female VCR, short tube
CR
KF16
GA
KF25
GC
8 VCO® female
DA
1.33'' OD CF
HA
Sensor Type
Standard sensor, standard inlet tube length
S
Etch sensor (range
≤ 100 Torr only), standard inlet tube length
E
Standard sensor, reduced inlet tube length
T
Etch sensor (range
≤ 100 Torr only), reduced inlet tube length
H
Input/Output Voltages
+24 VDC or ±15 VDC input, 0-10 VDC analog output
2
Sensor Temperatures
Unheated
0
45°C
4
80°C
8
100°C
1
Electrical Connector
(2) RJ45 EtherCAT jacks with 15-pin D-subminiature connector
C
Calibration Orientation
Standard (ranges
≥ 1 Torr)
0
Vertical (ranges < 1 Torr only)
V
Horizontal (ranges < 1 Torr only)
H
Accuracy
Standard accuracy
0
Trip Points
None
None
Trip A above 50%, Trip B above 50% of Full Scale Range
AA
Trip A above 50%, Trip B below 50% of Full Scale Range
AB
Trip A below 50%, Trip B below 50% of Full Scale Range
BB
Trip A below 50%, Trip B above 50% of Full Scale Range
BA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com