Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS466WM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS466WM
Description  TRI-STATE Octal Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS466WM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM74LS466WM Datasheet HTML 1Page - National Semiconductor (TI) DM74LS466WM Datasheet HTML 2Page - National Semiconductor (TI) DM74LS466WM Datasheet HTML 3Page - National Semiconductor (TI) DM74LS466WM Datasheet HTML 4Page - National Semiconductor (TI) DM74LS466WM Datasheet HTML 5Page - National Semiconductor (TI) DM74LS466WM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6435
September 1991
DM74LS465 (DM81LS95A)DM74LS466 (DM81LS96A)
DM74LS467 (DM81LS97A)DM74LS468 (DM81LS98A)
TRI-STATE
Octal Buffer
General Description
These devices provide eight two-input buffers in each pack-
age All employ the newest low-power-Schottky TTL tech-
nology One of the two inputs to each buffer is used as a
control line to gate the output into the high-impedance
state while the other input passes the data through the buff-
er The ’LS465 and ’LS467 present true data at the outputs
while the ’LS466 and ’LS468 are inverting On the ’LS465
and ’LS466 versions all eight TRI-STATE enable lines are
common with access through a 2-input NOR gate On the
’LS467 and ’LS468 versions four buffers are enabled from
one common line and the other four buffers are enabled
from another common line In all cases the outputs are
placed in the TRI-STATE condition by applying a high logic
level to the enable pins These devices represent octal low
power-Schottky versions of the very popular DM5474365
366 367 and 368 (DM8095 96 97 and 98) TRI-STATE
hex buffers
Features
Y
Octal versions of popular DM74365 366 367 and 368
(DM8095 96 97 and 98)
Y
Typical power dissipation
LS465 467 (LS95A 97A)
80 mW
LS466 468 (LS96A 98A)
65 mW
Y
Typical propagation delay
LS465 467 (LS95A 97A)
15 ns
LS466 468 (LS96A 98A)
10 ns
Y
Low power-Schottky TRI-STATE technology
Connection Diagrams
Dual-In-Line Packages
TLF6435 – 1
TLF6435 – 3
TLF6435 – 2
TLF6435 – 4
Order Numbers DM74LS465WMDM81LS95AWM DM74LS465NDM81LS95AN
DM74LS466WMDM81LS96AWM DM74LS466NDM81LS96AN
DM74LS467WMDM81LS97AWM DM74LS467NDM81LS97AN
DM74LS468WMDM81LS98AWM or DM74LS468NDM81LS98AN
See NS Package Number M20B or N20A
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM74LS466WM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS460 NSC-DM74LS460 Datasheet
60Kb / 3P
10-Bit Comparator
DM74LS460J NSC-DM74LS460J Datasheet
60Kb / 3P
10-Bit Comparator
DM74LS460N NSC-DM74LS460N Datasheet
60Kb / 3P
10-Bit Comparator
DM74LS461 NSC-DM74LS461 Datasheet
120Kb / 4P
Octal Counter
DM74LS461J NSC-DM74LS461J Datasheet
120Kb / 4P
Octal Counter
More results

Similar Description - DM74LS466WM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
54ABT244 TI1-54ABT244_13 Datasheet
306Kb / 10P
Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com