Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW2015 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW2015
Description  3 Channel LED Drivers with Auto Charging Indication
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW2015 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW2015 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW2015 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
AW2015,AW2015A
Step. 2017 V1.3
www.awinic.com.cn
4
Copyright © 2015 SHANGHAI AWINIC TECHNOLOGY CO., LTD
PIN DEFINITION
No.
NAME
DESCRIPTION
1
SCL
Serial Clock Input for I2C Interface
2
SDA
Serial Data I/O for I2C Interface
3
GND
GND
4
CHRG_F
Charge Indicator Input
5
VBAT
Power Supply (2.4V-5.5V)
6
LED3
LED3 Cathode Driver, anode connected to VBAT
7
LED2
LED2 Cathode Driver, anode connected to VBAT
8
LED1
LED1 Cathode Driver, anode connected to VBAT
FUNCTIONAL BLOCK DIAGRAM
VBAT
OSC
LDO
SDA
CHRG_F
PWM Control
Current
Source
Control
I2C
Powerdown
control
BG
SCL
LED1
LED2
LED3
Charger
Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com