Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW3648CSR Datasheet(PDF) 13 Page - Shanghai awinic technology co.,ltd

Part # AW3648CSR
Description  High Efficiency, 1.5A Flash LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3648CSR Datasheet(HTML) 13 Page - Shanghai awinic technology co.,ltd

Back Button AW3648CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 10Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 11Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 12Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW3648CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AW3648
Jan 2018 V1.4
www.awinic.com.cn
13
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
Typical Characteristics (continued)
Ambient temperature is 25°C, input voltage is 3.6 V, HWEN = IN, CIN = COUT = 2×10 µF and L=1 µH, unless
otherwise noted .
ILED (500mA/DIV)
IIN (1A/DIV)
VOUT (2V/DIV)
TIME (500 μs/DIV)
ILED=1010mA
fSW=2Mhz
VLED=3.3V
Fig 33. Ramp Up
VOUT (2V/DIV)
ILED (500mA/DIV)
IIN (1A/DIV)
TIME (500 μs/DIV)
ILED=1010mA
fSW=2Mhz
VLED=3.3V
Fig 34. Ramp Down
1.60
1.64
1.68
1.72
1.76
1.80
1.84
1.88
1.92
1.96
2.00
2.04
2.08
2.12
2.16
2.20
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
VIN (V)
ILED=1.5A
fSW=2MHz
VLED=4.5V
ICL=1.9A
Fig 29. Inductor Current Limit vs Input Voltage
1.60
1.64
1.68
1.72
1.76
1.80
1.84
1.88
1.92
1.96
2.00
2.04
2.08
2.12
2.16
2.20
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
VIN (V)
ILED=1.5A
fSW=4MHz
VLED=4.5V
ICL=1.9A
Fig 30. Inductor Current Limit vs Input Voltage
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9
VIN (V)
ILED=1.5A
fSW=2MHz
VLED=4.5V
ICL=2.8A
Fig 31. Inductor Current Limit vs Input Voltage
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9
VIN (V)
ILED=1.5A
fSW=4MHz
VLED=4.5V
ICL=2.8A
Fig 32. Inductor Current Limit vs Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com