Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW8155 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW8155
Description  Non-Creack-Noise, Ultra-Low-EMI, TDD Suppression Second Generation Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8155 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW8155 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW8155 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW8155 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW8155 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW8155 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW8155 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW8155 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW8155 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW8155 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AW8155
July 2018 V1.1
www.awinic.com.cn
4
Copyright © 2018 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ORDERING INFORMATION
Part Number
Temperature
Package
Marking
Moisture
Sensitivity
Level
Environ-
mental
Information
Packing
Type
AW8155FCR
-40℃~85℃
FCQFN
1.5*1.5-9L
A55
MSL3
ROHS+HF
3000
units/Tape
and Reel
AW8155
Shipping
R: Tape & Reel
Package Type
FC: FCQFN
ABSOLUTE MAXIMUM RATINGS(1)
Parameter
Unit
Supply voltage VDD
-0.3V to 6V
Input Voltage
-0.3V to VDD+0.3V
Package Thermal Resistance
θ
JA(2)
90
℃/W
Operating free-air temperature
-40
℃ to 85℃
Maximum Junction Temperature TJMAX
125
℃
Storage Temperature Range TSTG
-65
℃ to 150℃
Lead Temperature (Soldering 10 Seconds)
260
℃
ESD Rating(3)
HBM(human body model)
±8KV
Latch-up
Test Condition :JEDEC STANDARD NO.78B DECEMBER 2008
+IT:450mA
-IT:-450mA
note1:
Stresses beyond those listed under "absolute
maximum ratings" may cause permanent damage to the
device. These are stress ratings only and functional oper-
ation of the device at these or any other conditions beyond
those indicated under "recommended operating condi-
tions" is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliabil-
ity.
note2:
For the 9-Pin Flip-Chip CSP package, the
θJA is
highly dependent of the PCB Heatsink area. For example,
θJA can equal 195°C/W with 50 mm2 total area and also
135°C/W with 500 mm2. When using ground and power
planes, the value is around 90°C/W, as specified in table
.
note3:
The human body model is a 100pF capacitor
discharged through a 1.5kΩ resistor into each pin. Test
method: MIL-STD-883G Method 3015.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com