Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT75XX Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT75XX
Description  High Driver Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT75XX Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT75XX Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT75XX Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT75XX Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT75XX Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT75XX Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT75XX Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT75XX Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HT75XX
High Driver Regulator
www.artschip.com
2
Pad Assignment
Pad Coordinates
Unit: µm
Chip size: 1390 x 1530 (µm)
2
*The IC substrate should be connected to VDD in the PCB layout artwork.
Absolute Maximum Ratings
Supply Voltage…………………………-0.3V to 26V
Power Consumption………………………..250mW
Storage Temperature…………………..-50℃ to 125℃
Operating Temperature………………….. 0℃ to 70℃
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maximum Rating” may cause
substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is
not implied end prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
HT7530, +3.0V output type
Ta=25℃
Test Conditions
Symbol
Parameter
VIN
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage Tolerance
5V
IOUT=10mA
2.85
3.0
3.15
V
IOUT
Output Current
5V
-
60
100
-
mA
Δ
VOUT
Load Regulation
5V
1mA≤ IOUT ≤50mA
60
150
mV
VDIF
Voltage Drop
-
IOUT=1mA
-
100
-
mV
Iss
Current Consumption
5V
No load
-
10
20
µA
Line Regulation
-
4V ≤ VIN ≤12V
IOUT=1mA
-
0.2
-
%/V
VIN
Input Voltage
-
-
-
-
24
V
Temperature Coefficient
5V
IOUT=10mA
0℃<Ta<70℃
-
±0.45
-
mV/℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com