Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1618 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT1618
Description  LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT1618 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT1618 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1618 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1618 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1618 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT1618 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HT1618
LED Driver
www.artschip.com
3
SWITHCING CHARACTERISTICS
(Ta=-20 ~+70℃, VDD=4.5 ~5.5V)
Parameter
Symbol
Min.
Typ
Max.
Unit
Test Condition
Oscillation
Frequency
fosc
-
500
-
KHz
R=16.5kΩ
tPLZ
-
-
300
ns
Propagation
delay time
tPZL
-
-
100
ns
CLK
→DOUT
CL=15pF, RL=10k
TTZH1
-
-
2
µs
Seg1~Seg11
Rise time
TTZH2
-
-
0.5
µs
CL=300pF
Grid1~Grid4
Seg12/Grid7~Seg14/Grid5
Fall time
TTHz
-
-
120
µs
CL=300pF, Segn, Gridn,
Maximal clock
frequency
Fmax
1
-
-
MHz
On 50% duty factor
Input
capacitance
CI
-
-
15
pF
-
*TIMING DIAGRAM
(Ta=-20 ~+70℃, VDD=4.5 ~5.5V)
Parameter
Symbol
Min.
Typ
Max.
Unit
Test
Condition
Clock Pulse wideth
PWCLK
400
-
-
ns
-
Strobe pulse
wideth
PWSTB
1
-
-
µs
-
Data setup time
tSETUP
100
-
-
ns
-
Data hold time
tHOLD
100
-
-
ns
-
CLK
→STB time
tCLK STB
1
-
-
µs
CLK
↑→STB↑
Wait time
tWAIT
1
-
-
µs
CLK
↑→CLK↓



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com