Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7536 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT7536
Description  High Driver Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT7536 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT7536 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT7536 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT7536 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT7536 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT7536 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT7536 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT7536 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HT75XX
High Driver Regulator
www.artschip.com
4
HT7550, +5.0V output type
Ta=25℃
Test Conditions
Symbol
Parameter
VIN
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage Tolerance
7V
IOUT=10mA
4.75
5.0
5.25
V
IOUT
Output Current
7V
-
100
150
-
mA
Δ
VOUT
Load Regulation
7V
1mA ≤ IOUT ≤70mA
-
60
150
mV
VDIF
Voltage Drop
-
IOUT=1mA
-
100
-
mV
ISS
Current Consumption
7V
No load
-
10
20
µA
Line Regulation
-
6V ≤VIN≤15V
IOUT=1mA
-
0.2
-
%/V
VIN
Input Voltage
-
-
-
-
24
V
Temperature Coefficient
7V
IOUT=10mA
0℃ <Ta <70℃
-
±0.75
-
mV/℃
HT75580, +8.0V output type
Ta=25℃
Test Conditions
Symbol
Parameter
VIN
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage Tolerance
10V
IOUT=10mA
7.61
8.0
8.4
V
IOUT
Output Current
10V
-
100
150
-
mA
Δ
VOUT
Load Regulation
10V
1mA ≤ IOUT ≤70mA
-
60
150
mV
VDIF
Voltage Drop
-
IOUT=1mA
-
100
-
mV
ISS
Current Consumption
10V
No load
-
10
20
µA
Line Regulation
-
9V ≤VIN≤20V
IOUT=1mA
-
0.2
-
%/V
VIN
Input Voltage
-
-
-
-
24
V
Temperature Coefficient
10V
IOUT=10mA
0℃ <Ta <70℃
-
±1.2
-
mV/℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com