Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7580 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT7580
Description  High Driver Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT7580 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT7580 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT7580 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT7580 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT7580 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT7580 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT7580 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT7580 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HT75XX
High Driver Regulator
www.artschip.com
3
HT7533, +3.3V output type
Ta=25
Test Conditions
Symbol
Parameter
VIN
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage Tolerance
5.5V
IOUT=10mA
3.14
3.3
3.47
V
IOUT
Output Current
5.5V
-
60
100
-
mA
Δ
VOUT
Load Regulation
5.5V
1mA≤IOUT≤50mA
-
60
150
mV
VDIF
Voltage Drop
-
IOUT=1mA
-
100
-
mV
Iss
Current Consumption
5.5V
No load
-
10
20
µA
Line Regulation
-
4.5V≤VIN≤12V
IOUT=1mA
-
0.2
-
%/V
VIN
Input Voltage
-
-
-
-
24
V
Temperature Coefficient
5.5V
IOUT=10mA
0℃ < Ta < 70℃
-
±0.5
-
mV/℃
HT7536, +3.6V output type
Ta=25
Test Conditions
Symbol
Parameter
VIN
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage Tolerance
5.6V
IOUT=10mA
3.42
3.6
3.78
V
IOUT
Output Current
5.6V
-
60
100
-
mA
Δ
VOUT
Load Regulation
5.6V
1mA≤ IOUT ≤ 50mA
-
60
150
mV
VDIF
Voltage Drop
-
IOUT=1mA
-
100
-
mV
Iss
Current Consumption
5.6V
No load
-
10
20
µA
Line Regulation
-
4.6V ≤ VIN ≤ 12V
IOUT =1 mA
-
0.2
-
%/V
VIN
Input Voltage
-
-
-
-
24
V
Temperature Coefficient
5.6V
IOUT = 10mA
0℃ < Ta <70℃
-
±0.6
-
mV/℃
HT7544, +4.4V output type
Ta=25
Test Conditions
Symbol
Parameter
VIN
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage Tolerance
6.4V
IOUT=10mA
4.18
4.4
4.62
V
IOUT
Output Current
6.4V
-
60
100
-
mA
Δ
VOUT
Load Regulation
6.4V
1mA ≤ IOUT ≤50mA
-
60
150
mV
VDIF
Voltage Drop
-
IOUT=1mA
-
100
-
mV
ISS
Current Consumption
6.4V
No load
-
10
20
µA
Line Regulation
-
5.4V ≤VIN≤12V
IOUT=1mA
-
0.2
-
%/V
VIN
Input Voltage
-
-
-
-
24
V
Temperature Coefficient
6.4V
IOUT=10mA
0℃ <Ta <70℃
-
±0.7
-
mV/℃



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com