Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7106CPL Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ICL7106CPL
Description  LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ICL7106CPL Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  ICL7106CPL Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106CPL Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106CPL Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106CPL Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106CPL Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106CPL Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106CPL Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106CPL Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106CPL Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ICL7106,ICL7107,ICL7016S,ISL7107S
31/2 Digit,
LCD/LED Display, A/D Converters
www.artschip.com
4
Electrical Specifications (Note 3) (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DISPLAY DRIVER ICL7107 ONLY
Segment Sinking Current
Except Pins 19 and 20
5
8
-
mA
Pin 19 Only
10
16
-
mA
Pin 20 Only
V+=5V, Segment Voltage =3V
4
7
-
mA
NOTES:
3.
Unless otherwise noted, specifications apply to both the ICL7106 and ICL7107 at TA=25℃, fCLOCK=48kHz. ICL7106 is
tested in the circuit of Figure 1. ICL7107 is tested in the circuit of Figure 2.
4.
Back plane drive is in phase with segment drive for “off” segment,180 degrees out of phase for “on” segment. Frequency is 20
times conversion rate. Average DC component is less than 50mV.
5.
Not tested, guaranteed by design.
6.
Sample Tested.
Typical Applications and Test circuits
FIGURE1. ICL7106 TEST CIRCUIT AND TYPICAL APPLICATION WITH LCD DISPLAY COMPONENTS SELECTED FOR 200mV FULL
SCALE
FIGURE 2. ICL7107 TEST CIRCUIT AND TYPICAL APPLICATION WITH LED DISPLAY COMPONENTS SELECTED FOR 200mV FULL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com