Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL640 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRL640
Description  HEXFET Power Mosfet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRL640 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRL640 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRL640 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRL640 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRL640 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRL640 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IRL640
HEXFET Power Mosfet
www.artschip.com
2
Electrical Characteristics @TJ=25℃ (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Test Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
-
-
V
VGS=0V, ID=250µA
∆V(BR)DSS/∆TJ
Breakdown Voltage Temp. Coefficient
-
0.27
-
V/℃
Reference to 25℃, ID=1mA
-
-
0.18
VGS=5.0V, ID=10A ④
RDS(on)
Static Drain-to-Source On-Resistance
-
-
0.27
Ω
VGS=4.0V, ID=8.5A ④
VGS(th)
Gate Threshold Voltage
1.0
-
-
V
VDS=VGS, ID=250µA
gts
Forward Transconductance
16
-
-
S
VDS=50V, ID=10A④
-
-
25
VDS=200V, VGS=0V
IDSS
Drain-to-Source Leakage Current
-
-
250
µA
VDS=160V, VGS=0V, TJ=125℃
Gate-to-Source Forward Leakage
-
-
100
VGS=10V
IGSS
Gate-to-Source Reverse Leakage
-
-
-100
nA
VGS=-10V
Qg
Total Gate Charge
-
-
66
Qgs
Gate-to-Source Charge
-
-
9.0
Qgd
Gate-to-Drain (“Miller”) Charge
-
-
38
nC
ID=17A
VDS=160V
VGS=5.0V See Fig.6 and 13④
td(on)
Turn-On Delay Time
-
8.0
-
tr
Rise Time
-
83
-
td(off)
Turn-Off Delay Time
-
44
-
tf
Fall Time
-
52
-
nS
VDD=100V
ID=17A
RG=4.6Ω
RD=5.7Ω See Figure 10④
LD
Internal Drain Inductance
-
4.5
-
Ls
Internal Source Inductance
-
7.5
-
nH
Between
lead,
6mm
(0.25in.)
from
package
and center of
die contact
Ciss
Input Capacitance
-
1800
-
Coss
Output Capacitance
-
400
-
Crss
Reverse Transfer Capacitance
-
120
-
pF
VGS=0V
VDS=25V
f=1.0MHz See Figure 5
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Is
Continuous Source Current
(Body Diode)
-
-
17
ISM
Pulsed Source Current
(Body Diode) ①
-
-
68
A
MOSFET
symbol showing
the
integral
reverse
p-n
junction diode.
VSD
Diode Forward Voltage
-
-
2.0
V
TJ=25℃, IS=17A, VGS=0V ④
trr
Reverse Recovery Time
-
310
470
ns
Qrr
Reverse Recovery Charge
-
3.2
3.2
µC
TJ=25℃, IF=17A
di/dt=100A/µs ④
ton
Forward Turn-On Time
Intrinsic turn-on time is neglegible (turn-on is dominated by LS+LD)
Notes:
①
Repetitive rating; pulse width limited by max. junction temperature (See Figure 11)
②
VDD=50V, starting TJ=25℃, L=3.0mH, RG=25Ω, IAS=17A (See Figure 12)
③
ISD≤17A, di/dt≤150A/µs, VDD≤V(BR)DSS, TJ≤150℃
④
Pulse width≤300µs; duty cycle≤2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com