Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2410 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # KA2410
Description  Telephone
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

KA2410 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  KA2410 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. KA2410 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. KA2410 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. KA2410 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. KA2410 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. KA2410 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. KA2410 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KA2410
Telephone
www.artschip.com
2
ELECTRICAL CHARACTERISTICS (Ta=25℃)
(All voltage referenced to GND unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min.
Typ
Max.
Unit.
Operating Voltage
Vcc
-
-
-
29.0
V
Initiation Voltage
1
VSI
See Fig.2
17
19
21
V
Initiation Current
1
ISI
KA2411-6.8k-Pin 2 to GND
1.4
2.5
4.2
mA
Sustaining Voltage
2
VSUS
See Fig.2
9.7
11.0
12.0
V
Sustaining Current
2
ISUS
No Load Vcc=VSUS, See Fig. 2
0.7
1.4
2.5
mA
Trigger Voltage
3
VTRG
KA2410 Only Vcc=15V
9.0
10.5
12.0
V
Trigger Current
3
ITRG
KA2410 Only
10.0
20.0
1000
5
µA
Disable Voltage
4
VDIS
KA2410 Only
-
-
0.8
V
Disable Current
4
IDIS
KA2410 Only
-40
-50
-
µA
Output Voltage High
VOH
Vcc =21V, I8=-15mA
Pin 6=6V, Pin 7=GND
17.0
19.0
21.0
VS
Output Voltage Low
VOL
Vcc=21V, I8=-15mA
Pin 6=6V, Pin 7=6V
-
-
1.6
V
Input Current 1 (Pin 3)
II(PIN 3)
Pin 3=6V, Pin 4=GND
-
-
500
nA
Input Current 2 (Pin 7)
II(PIN 7)
Pin 7=6V, Pin 6=GND
-
-
500
nA
High Frequency 1
fH1
R3=191k, C3=6800pF
461
512
563
Hz
High Frequency 2
fH2
R3=191k, C3=6800pF
576
640
704
Hz
Low Frequency
fL
R2=165K, C2=0.47µF
9.0
10
11.0
Hz
.NOTE
(see electrical characteristics sheet)
1.
Initial supply voltage (VSI) is the supply voltage required to start the tone ringer oscillating.
2.
Sustaining voltage (Vsus) is the supply voltage required to maintain oscillation.
3.
VTR and ITR are the conditions applied to trigger in to start oscillation for VSUS≤ Vcc ≤VsI
4.
VDIS and IDIS are the conditions applied to trigger in to inhibit oscillation for VSI ≤Vcc
5.
Trigger current must be limited to this value externally.
GRAPH
KA2410 Supply Current (No Load) Vs. Supply Voltage
Fig.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com