Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTP7N18 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MTP7N18
Description  N-Channel Power Mosfets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MTP7N18 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MTP7N18 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP7N18 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP7N18 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP7N18 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MTP7N18 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IRL220-223/IRF620-623
MTP7N18/7N20
N-Channel Power Mosfets
7A,150-200V
www.artschip.com
1
Description
These device are n-channel, enhancement mode, power
MOSFETs designed especially for high speed applications,
such as switching power supplies, converters, AC and DC
motor controls, relay and solenoid drivers and other pulse
circuits.
Low RDS(on)
VGS Rated at ±20V
Silicon Gate for Fast Switching Speeds
IDSS, VDS(on), Specified at Elevated Temperature
Rugged
Low Drive Requirements
Ease of Paralleling
TO-204AA
IRF220
IRF221
IRF222
IRF223
TO-220AB
IRF620
IRF622
IRF623
MTP7N18
MTP7N20
Product Summary
Part Number
VDSS
RDSS(on)
ID at
Tc=25℃
ID at
Tc=100℃
Case Style
IRF220
200V
0.8 Ω
5.0A
3.0A
IRF221
150V
0.8 Ω
5.0A
3.0A
IRF222
200V
1.2 Ω
4.0A
2.5A
IRF223
150V
1.2 Ω
4.0A
2.5A
TP-204AA
IRF620
200V
0.8 Ω
5.0A
3.0A
IRF621
150V
0.8 Ω
5.0A
3.0A
IRF622
200V
1.2 Ω
4.0A
2.5A
IRF623
150V
1.2 Ω
4.0A
2.5A
MTP7N18
180V
0.7 Ω
7.0A
4.5A
MTP7N20
200V
0.7 Ω
7.0A
4.5A
TO-220AB
Notes
For information concerning connection diagram and package outline, refer to
Setion 7.


Similar Part No. - MTP7N18

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MTP7N18 FAIRCHILD-MTP7N18 Datasheet
165Kb / 5P
N-Channel Power MOSFETs, 7A, 150-200V
logo
Inchange Semiconductor ...
MTP7N18 ISC-MTP7N18 Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MTP7N18

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF440 NJSEMI-IRF440 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
2N6769 NJSEMI-2N6769 Datasheet
89Kb / 2P
N-Channel Power MOSFETs,
logo
ARTSCHIP ELECTRONICS CO...
IRF340 ARTSCHIP-IRF340 Datasheet
345Kb / 5P
N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com